Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC366
Description  HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC366 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC366 Datasheet HTML 1Page - STMicroelectronics M54HC366 Datasheet HTML 2Page - STMicroelectronics M54HC366 Datasheet HTML 3Page - STMicroelectronics M54HC366 Datasheet HTML 4Page - STMicroelectronics M54HC366 Datasheet HTML 5Page - STMicroelectronics M54HC366 Datasheet HTML 6Page - STMicroelectronics M54HC366 Datasheet HTML 7Page - STMicroelectronics M54HC366 Datasheet HTML 8Page - STMicroelectronics M54HC366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/M74HC365
M54/M74HC366
October 1992
HC365 NON INVERTING - HC366 INVERTING
HEX BUS BUFFER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
DESCRIPTION
.
HIGH SPEED
tPD = 9 ns (TYP) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS365/366
The M54/74HC365 and the M54/74HC366 are high
speed CMOS HEX BUS BUFFER fabricated in sili-
con gate C
2MOS technology. They have the same
high speed performance of LSTTL combined with
true CMOS low power consumption.
All six buffers are controlled by the combination of
two enable inputs (G1 and G2) ; all outputs of these
buffers are enabled only when both G1 and G2 in-
puts are held low, under all other conditions these
output are disabled to be high-impedance.
These outputs are capable of driving up to 15 LSTTL
loads. The designer has a choice of non-inverting
outputs (HC365) and inverting outputs (HC366). All
inputs are equipped with protection circuits against
static discharge and transient excess voltage.
HC366
HC365
1/11


Similar Part No. - M54HC366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC366 STMICROELECTRONICS-M54HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC366B1R STMICROELECTRONICS-M54HC366B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC366C1R STMICROELECTRONICS-M54HC366C1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC366F1R STMICROELECTRONICS-M54HC366F1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC366M1R STMICROELECTRONICS-M54HC366M1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
More results

Similar Description - M54HC366

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
3-state hex non-inverting buffer
January 1995
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
Hex Non-inverting 3-state Buffer
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
HEX NON-INVERTING 3-STATE BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com