Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM152F Datasheet(PDF) 4 Page - Clarke International

Part # KM152F
Description  2200W INVERTER GENERATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

KM152F Datasheet(HTML) 4 Page - Clarke International

  KM152F Datasheet HTML 1Page - Clarke International KM152F Datasheet HTML 2Page - Clarke International KM152F Datasheet HTML 3Page - Clarke International KM152F Datasheet HTML 4Page - Clarke International KM152F Datasheet HTML 5Page - Clarke International KM152F Datasheet HTML 6Page - Clarke International KM152F Datasheet HTML 7Page - Clarke International KM152F Datasheet HTML 8Page - Clarke International KM152F Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK AREA
1. ALWAYS use in a well ventilated area.
2. ALWAYS position the exhaust outlet away from people.
3. Read these safety instructions before using the equipment.
4. Keep children away from the generator.
POSITIONING THE GENERATOR
1. Keep the generator at least 1 m (3 ft.) from buildings or other equipment, or the
engine may overheat.
2. Place the generator on a solid, flat surface.
3. Make sure the surrounding area is free from any material that could burn or be
damaged by heat.
4. NEVER move or tilt the generator whilst it is switched on.
FIRE PREVENTION
1. ALWAYS switch the engine OFF when refuelling.
2. ALWAYS refuel in a well ventilated area.
3. NEVER overfill the fuel tank, only fill to the level specified.
4. NEVER smoke whilst refuelling and avoid smoking or using a naked flame near
the generator.
5. NEVER start the engine if there is spilled fuel. Any spillage must be wiped clean
and the generator allowed to dry before attempting to start the engine.
PREVENTION OF ELECTRIC SHOCK
1. NEVER use the generator in the rain or wet conditions unless it is well protected/
under cover. Under these conditions, adequate ventilation MUST be provided.
2. NEVER operate the generator with wet hands.
3. NEVER use water or any other liquids to clean the generator.
WARNING: EXHAUST FUMES CAN BE EXTREMELY DANGEROUS IF
INHALED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com