Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341AIDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341AIDBVT
Description  LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341AIDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV341AIDBVT Datasheet HTML 9Page - Texas Instruments TLV341AIDBVT Datasheet HTML 10Page - Texas Instruments TLV341AIDBVT Datasheet HTML 11Page - Texas Instruments TLV341AIDBVT Datasheet HTML 12Page - Texas Instruments TLV341AIDBVT Datasheet HTML 13Page - Texas Instruments TLV341AIDBVT Datasheet HTML 14Page - Texas Instruments TLV341AIDBVT Datasheet HTML 15Page - Texas Instruments TLV341AIDBVT Datasheet HTML 16Page - Texas Instruments TLV341AIDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
PSRR
vs
FREQUENCY
0
10
20
30
40
50
60
70
80
90
100
100
1K
10K
100K
1M
f − Frequency − Hz
10M
+PSRR (5 V)
+PSRR (2.7 V)
−PSRR (5 V)
RL = 5 kΩ
Figure 17
−PSRR (2.7 V)
INPUT VOLTAGE NOISE
vs
FREQUENCY
f − Frequency − Hz
0
20
40
60
80
100
120
140
160
180
200
220
10
100
1K
10K
2.7 V
5 V
Figure 18
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
f − Frequency − Hz
10
100
1K
10K
100K
RL = 600 Ω
VO = 1 VPP for V+ = 2.7 V
VO = 2.5 VPP for V+ = 5 V
2.7 V
AV = 10
5 V
AV = 10
5 V
AV = 1
2.7 V
AV = 1
Figure 19
0.0001
0.001
0.01
0.1
1
10
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT VOLTAGE
VO − Output Voltage − VPP
0.001
0.01
0.1
1
10
f = 10 kHz
RL = 600 Ω
5 V
AV = 10
5 V
AV = 1
2.7 V
AV = 1
2.7 V
AV = 10
Figure 20
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com