Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25000-004 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A25000-004
Description  SOCKET FEMALE MICRO CIRCULAR CONNECTOR W/ LATCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A25000-004 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A25000-004 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
,
)
4
3
-
7
(
G
W
A
6
2
D
E
D
O
C
R
O
L
O
C
,
E
F
T
P
5
2
1
.
8
1
.
3
1
4
=
0
5
0
.0
0
2
.
]
8
0
.
5
[
]
7
2
.
1
[
@
S
E
C
A
P
S
)
4
(
5
3
0
.
9
8
.
0
5
7
0
.
1
9
.
1
7
2
.
9
.
6
E
Z
I
S
L
A
U
T
C
A
G
N
I
D
U
L
C
X
E
H
T
G
N
E
L
E
R
I
W
O
R
A
N
G
E
R
E
D
B
R
O
W
N
B
L
A
C
K
6
2
1
.0
1
0
.
±
0
2
.
35
2
.
0
±
0
0
.
8
1
-0
0
.
+8
3
.
2
.
7
5
4
0
+7
.
9
E
L
G
N
A
D
R
I
H
T
R
O
T
A
L
U
S
N
I
T
C
A
T
N
O
C
N
O
I
T
A
N
I
M
R
E
T
:
H
C
T
A
L
Y
T
I
C
A
P
A
C
T
N
E
R
R
U
C
E
C
N
A
T
S
I
S
E
R
T
C
A
T
N
O
C
E
C
N
A
M
R
O
F
R
E
P
#
T
E
K
C
O
SR
O
L
O
C
1K
C
A
L
B
2N
W
O
R
B
3D
E
R
4E
G
N
A
R
O
E
L
A
M
E
F
T
E
K
C
O
S
)
4
(
H
C
T
A
L
/
W
R
O
T
C
E
N
N
O
C
W
O
R
E
L
G
N
I
S
4
0
0
-
0
0
0
5
2
A
:
E
D
I
F
L
U
S
E
N
E
L
Y
N
E
H
P
Y
L
O
P
,
9
1
5
4
2
-
M
-
L
I
M
R
E
P
)
S
P
P
(
.
F
0
4
T
S
G
E
P
Y
T
:
-
L
I
M
R
E
P
Y
O
L
L
A
R
E
P
P
O
C
D
E
T
A
L
P
D
L
O
G
,
3
1
5
3
8
-
L
T
D
D
R
A
H
(
,
8
8
4
B
M
T
S
A
R
E
P
C
E
D
O
C
I
I
E
P
Y
T
)
D
L
O
G
.
7
2
.
1
S
S
A
L
C
:
,
E
E
P
Y
T
)
4
3
-
7
(
G
W
A
6
2
R
O
L
O
C
,
3
P
H
A
M
E
N
R
E
P
.
E
L
B
A
T
R
E
P
D
E
D
O
C
R
E
P
R
E
P
P
O
C
M
U
I
L
L
Y
R
E
B
E
T
A
L
P
L
E
K
C
I
N
4
9
1
B
M
T
S
A
.
4
0
4
2
-
S
M
A
-
E
A
S
R
E
P
:
.
X
A
M
P
M
A
3
:
X
A
M
)
V
m
5
6
(
S
M
H
O
I
L
L
I
M
6
2
.
S
P
M
A
5
.
2
@
:
D
E
T
S
E
T
Y
L
I
M
A
F
T
C
U
D
O
R
P
E
H
T
D
E
S
S
A
P
D
N
A
O
T
E
C
N
A
M
R
O
F
R
E
P
E
L
B
A
T
F
O
S
N
O
I
T
A
C
I
F
I
C
E
P
S
.
3
1
5
3
8
-
L
T
D
-
L
I
M
F
O
I
I
V
:
E
T
O
N
N
I
E
R
A
]
[
N
I
S
N
O
I
S
N
E
M
I
D
S
S
E
L
N
U
S
R
E
T
E
M
I
L
L
I
M
E
R
A
D
N
A
D
E
T
O
N
E
S
I
W
R
E
H
T
O
Y
L
N
O
E
C
N
E
R
E
F
E
R
R
O
F
E
3
7
8
1
6
C
E
D
L
P
2
C
E
D
L
P
3
C
E
D
L
P
4
S
E
L
G
N
A
1
0
.
5
0
0
.
5
0
0
0
.
1
N
O
I
T
A
R
O
P
R
O
C
R
O
T
C
E
N
N
O
C
S
N
O
I
T
A
C
I
F
I
C
E
P
S
&
S
L
A
I
R
E
T
A
M
D
E
T
O
N
E
S
I
W
R
E
H
T
O
S
S
E
L
N
U
E
T
A
D
E
T
A
D
E
T
A
D
S
E
H
C
N
I
N
I
S
N
O
I
S
N
E
M
I
D
F
O
Y
T
R
E
P
O
R
P
E
H
T
S
I
H
C
I
H
W
N
O
I
T
A
M
R
O
F
N
I
Y
R
A
T
E
I
R
P
O
R
P
D
N
A
L
A
I
T
N
E
D
I
F
N
O
C
S
N
I
A
T
N
O
C
G
N
I
W
A
R
D
S
I
H
T
R
O
,
D
E
T
A
C
I
L
P
U
D
E
B
,
T
R
A
P
N
I
R
O
E
L
O
H
W
N
I
,
T
O
N
Y
A
M
T
N
E
M
U
C
O
D
S
I
H
T
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
M
O
R
F
N
O
I
S
S
I
M
R
E
P
N
E
T
T
I
R
W
T
U
O
H
T
I
W
,
E
S
O
P
R
U
P
Y
N
A
R
O
F
D
E
S
O
L
C
S
I
D
.
O
N
T
R
A
P
V
E
RO
C
E
E
T
A
DP
P
A
V
E
R
:
E
L
T
I
T
-
S
E
C
N
A
R
E
L
O
T
-
1
:
4
:
E
L
A
C
S
1
F
O
1
T
E
E
H
S
.
O
N
G
W
D
R
E
P
.
M
T
F
D
.
D
'
K
H
C
.
D
'
P
P
A
2
0
-
8
2
-
8
0
E
D
O
C
E
G
A
C
E3
8
2
0
0
1M
L
T
4
1
-
2
1
-
2
0
T
S
A
E
E
L
C
R
I
C
E
C
R
E
M
M
O
C
0
6
2
7
2
3
4
5
5
N
M
,
S
I
L
O
P
A
E
N
N
I
M
M
O
C
.
S
C
I
T
E
N
M
O
.
W
W
W
4
0
0
-
0
0
0
5
2
A
O
S
C
I
T
E
N
M


Similar Part No. - A25000-004

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A25000-008 OMNETICS-A25000-008 Datasheet
84Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR W/ LATCH
02-12-14
More results

Similar Description - A25000-004

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JR13WPA-3P HIROSE-JR13WPA-3P Datasheet
481Kb / 8P
High-performance water-proof circular connector JR-W connector
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
logo
Yamaichi Electronics Co...
NHS068T3-000-BS0 YAMAICHI-NHS068T3-000-BS0 Datasheet
88Kb / 2P
IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
logo
Molex Electronics Ltd.
0685060513 MOLEX8-0685060513 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
logo
Harwin Plc
R30-5000402 HARWIN-R30-5000402 Datasheet
83Kb / 1P
M3 CIRCULAR FEMALE SPACER
logo
List of Unclassifed Man...
UHSOCTAX08S01 ETC2-UHSOCTAX08S01 Datasheet
545Kb / 2P
Socket Connector with Latch
logo
Glenair, Inc.
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
M3 CIRCULAR SLOTTED FEMALE SPACER
logo
Molex Electronics Ltd.
1202440002 MOLEX-1202440002 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Female Receptacle
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com