Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528APBC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528APBC/Z
Description  3.5x2.8 mm SMD CHIP LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528APBC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528APBC/Z Datasheet HTML 1Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 2Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 3Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 4Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 5Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAH5318
REV NO: V.2
DATE: SEP/14/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.HUA
ERP: 1201003015
3.5x2.8 mm SMD CHIP LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AA3528APBC/Z
Blue
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3528APBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528APBC/A KINGBRIGHT-AA3528APBC/A Datasheet
292Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
More results

Similar Description - AA3528APBC/Z

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC KINGBRIGHT-AA3528YC Datasheet
121Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
AA3529QB24ZS KINGBRIGHT-AA3529QB24ZS Datasheet
229Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com