Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3020AVGC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3020AVGC/Z
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020AVGC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3020AVGC/Z Datasheet HTML 1Page - Kingbright Corporation AA3020AVGC/Z Datasheet HTML 2Page - Kingbright Corporation AA3020AVGC/Z Datasheet HTML 3Page - Kingbright Corporation AA3020AVGC/Z Datasheet HTML 4Page - Kingbright Corporation AA3020AVGC/Z Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH4220
REV NO: V.3
DATE: JUN/27/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002895
3.0x2.0mm SURFACE MOUNT LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AA3020AVGC/Z
Green
Features
3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM
SPACE REQUIRED.
SUITABLE FOR COMPACT OPTOELECTRONIC
APPLICATIONS.
LOW POWER CONSUMPTION.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3020AVGC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020AVGC/A KINGBRIGHT-AA3020AVGC/A Datasheet
339Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020AVGC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020CGCK KINGBRIGHT-AA3020CGCK Datasheet
113Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020MBC KINGBRIGHT-AA3020MBC Datasheet
123Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AYC KINGBRIGHT-AA3020AYC Datasheet
332Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AMGC KINGBRIGHT-AA3020AMGC Datasheet
332Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2BB50FS SUNLED-ZM2BB50FS Datasheet
236Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
ZMG50FW SUNLED-ZMG50FW Datasheet
190Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
ZMO50FW SUNLED-ZMO50FW Datasheet
187Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3021SESK KINGBRIGHT-AA3021SESK Datasheet
298Kb / 6P
3.0x2.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com