Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4852 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4852
Description  DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4852 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4852 Datasheet HTML 1Page - STMicroelectronics M74HC4852 Datasheet HTML 2Page - STMicroelectronics M74HC4852 Datasheet HTML 3Page - STMicroelectronics M74HC4852 Datasheet HTML 4Page - STMicroelectronics M74HC4852 Datasheet HTML 5Page - STMicroelectronics M74HC4852 Datasheet HTML 6Page - STMicroelectronics M74HC4852 Datasheet HTML 7Page - STMicroelectronics M74HC4852 Datasheet HTML 8Page - STMicroelectronics M74HC4852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M74HC4852
4/11
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
up to 85°C
up to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0
2.1
2.1
2.1
3.0
2.3
2.3
2.3
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0
0.9
0.9
0.9
3.3
1.0
1.0
1.0
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
2.0
IS=2mA
VIN =VIHC or
VILC
VIS =VCC to
GND
500
650
670
700
Ω
3.0
IS≤2mA
215
280
320
360
3.3
210
270
305
345
4.5
160
210
240
270
6.0
150
195
220
250
∆R
ON
Difference of ON
Resistance
between switches
2.0
IS=2mA
VIN =VIHC or
VILC
VIS =VCC/2
410
15
20
Ω
3.0
IS≤2mA
28
12
16
3.3
2
8
12
16
4.5
2
8
12
16
6.0
3
9
13
18
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
(Any Channel)
6.0
VIN =VCC or GND
±0.1
± 0.5
± 1.0
µA
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
(Common
Channel)
6.0
± 0.2
± 2
± 4
µA
ION
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
VIN =VCC or GND
±0.1
± 0.5
± 1
µA
IIN
Control Input
Current
6.0
VIN =VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
6.0
VIN =VCC or GND
VIN(analog)= GND
220
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com