Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARC.68 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # ARC.68
Description  Adjustable locking clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

ARC.68 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  ARC.68 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLINCHER / ARC.68
Features
● Easily releases cables. Bundle diameter is
adjustable in wide range.
Material
● Polypropylene(Color: Grey)
●
●
●
Adjustable bundle
diameter
●
(
:
)
:
:
●
※
●
(
:
)
Adhesive tape mounting
ARC.68-A-14
ARC.68-S6-14
φ4.8~17.3
Adhesive tape
Screw
Part No.
Mounting method Bundle diameter
100 pcs.
Std. Package
①
②
Part No.
Mounting hole size Std. Package
FXC-2030-V0
FXC-3240
(A) (B)
36
48
20
32
37
46.3
30
39.3
9±0.1
15±0.1
Refer to
Specification
drawing
100
pcs.
(C)
E
(D)
Part No.
Std. Package
(A) B
C
D
E
F
G
H
I
K
J
KC-1830
KC-3148
30
48
18
31
37
55
31
45
8
10
9±0.1
15±0.1
15
18
40
53
2.25
2.5
φ4.3±0.1
φ3.4+0.1
0
φ3.1+0.1
0
(Unit:mm)
(Unit:mm)
(Unit:mm)
100
pcs.
②
(Applicable screw:Nominal diameter
3.5mm Small flat head screw)
Screw mounting
※ Specifications are described in the
table below.
B
D
E
J
F
H
G
φ
3.9
25.4
(A)
(B)
8.5
(φ10.5)
E
φ
3+0.10
φ
4.2 +0.10
Adjustable locking clamp
59


Similar Part No. - ARC.68

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ARC.68-A PANDUIT-ARC.68-A Datasheet
142Kb / 8P
Adhesive Mounts
ARC.68-A-Q PANDUIT-ARC.68-A-Q Datasheet
98Kb / 1P
Cable and Wire Mounting Devices (Used without Cable Ties)
ARC.68-A-Q14 PANDUIT-ARC.68-A-Q14 Datasheet
98Kb / 1P
Cable and Wire Mounting Devices (Used without Cable Ties)
ARC.68-S6-Q PANDUIT-ARC.68-S6-Q Datasheet
98Kb / 1P
Cable and Wire Mounting Devices (Used without Cable Ties)
ARC.68-S6-Q14 PANDUIT-ARC.68-S6-Q14 Datasheet
98Kb / 1P
Cable and Wire Mounting Devices (Used without Cable Ties)
More results

Similar Description - ARC.68

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431 CALOGIC-TL431 Datasheet
65Kb / 6P
Precision Adjustable Precision Adjustable
logo
Adam Technologies, Inc.
LHA-D-XX-TRA-V0 ADAM-TECH-LHA-D-XX-TRA-V0 Datasheet
81Kb / 1P
LOCKING HEADER
LHA-XX-TRA-V0-HT ADAM-TECH-LHA-XX-TRA-V0-HT Datasheet
74Kb / 1P
LOCKING HEADER
LHB-03-SA1-X02 ADAM-TECH-LHB-03-SA1-X02 Datasheet
75Kb / 1P
LOCKING HEADER
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
PHOENIX CONTACT
0801810 PHOENIX-0801810 Datasheet
42Kb / 2P
Locking
logo
Tripp Lite. All Rights ...
DCPU2 TRIPPLITE-DCPU2 Datasheet
168Kb / 2P
Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
DMC1342S TRIPPLITE-DMC1342S Datasheet
165Kb / 3P
Mobile TV Stand - Height Adjustable, 13??to 42??TVs and Monitors, Locking Casters, Black
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com