Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3241EBTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3241EBTR
Description  ±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBTR Datasheet(HTML) 1 Page - STMicroelectronics

  ST3241EBTR Datasheet HTML 1Page - STMicroelectronics ST3241EBTR Datasheet HTML 2Page - STMicroelectronics ST3241EBTR Datasheet HTML 3Page - STMicroelectronics ST3241EBTR Datasheet HTML 4Page - STMicroelectronics ST3241EBTR Datasheet HTML 5Page - STMicroelectronics ST3241EBTR Datasheet HTML 6Page - STMicroelectronics ST3241EBTR Datasheet HTML 7Page - STMicroelectronics ST3241EBTR Datasheet HTML 8Page - STMicroelectronics ST3241EBTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2007
Rev 4
1/15
15
ST3241EB
ST3241EC
±15 kV ESD protected 3 to 5.5 V, 400 kbps,
RS-232 transceiver with auto-power-down
Features
ESD protection for RS-232 I/O pins:
±8 kV IEC 1000-4-2 contact discharge
±15 kV human body model
1 µA supply current achieved when in auto-
power-down
250 kbps minimum guaranteed data rate
Guaranteed 6 V/ms slew rate range
Guaranteed mouse drive ability
0.1 µF external capacitors
Meet EIA/TIA-232 specifications down to 3 V
Available in SSOP-28 and TSSOP28 packages
Description
The ST3241E device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high data rate capability and enhanced
electrostatic discharge (ESD) protection. All
transmitter outputs and receiver input are
protected to ±8 kV USING IEC 1000-4-2 contact
discharge and ±15 kV using the human body
model. The receiver R2 is always active to
implement a wake-up feature for serial port.
The ST3241E has a proprietary low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0 V to 5.5 V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250 kbps while maintaining
RS-232 output levels.
It is a complete serial port (3 drivers, 5 receivers)
intended for notebook or sub-notebook
computers. Receivers R1 and R2 have extra
outputs in addition to their standard outputs.
These extra output are always active.
Typical application are in notebook, sub-
notebook, palmtop computers, battery-powered
equipment, hand-held equipment, peripherals and
printers.
SSOP
TSSOP
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST3241ECPR
0 to 70°C
SSOP-28 (tape and reel)
1350 parts per reel
ST3241EBPR
-40 to 85°C
SSOP-28 (tape and reel)
1350 parts per reel
ST3241EBTR
-40 to 85°C
TSSOP28 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3241EBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3241EBTR STMICROELECTRONICS-ST3241EBTR Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3241EBTR STMICROELECTRONICS-ST3241EBTR Datasheet
261Kb / 17P
짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
03-Apr-2006
More results

Similar Description - ST3241EBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3237EB STMICROELECTRONICS-ST3237EB_07 Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
ST3243B STMICROELECTRONICS-ST3243B_07 Datasheet
724Kb / 22P
3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
12-Nov-2007
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
28-Sep-2010
ST3243B STMICROELECTRONICS-ST3243B_11 Datasheet
242Kb / 17P
3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
07-Oct-2011
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com