Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72681/R21 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72681/R21
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681/R21 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72681/R21 Datasheet HTML 18Page - STMicroelectronics ST72681/R21 Datasheet HTML 19Page - STMicroelectronics ST72681/R21 Datasheet HTML 20Page - STMicroelectronics ST72681/R21 Datasheet HTML 21Page - STMicroelectronics ST72681/R21 Datasheet HTML 22Page - STMicroelectronics ST72681/R21 Datasheet HTML 23Page - STMicroelectronics ST72681/R21 Datasheet HTML 24Page - STMicroelectronics ST72681/R21 Datasheet HTML 25Page - STMicroelectronics ST72681/R21 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Electrical characteristics
ST72681
22/32
7.7
I/O port pin characteristics
7.7.1
General characteristics
Subject to general operating conditions for VDD33, fOSC, and TA unless otherwise specified.
Figure 8.
Typical VIL and VIH standard I/Os
Table 19.
Electrical sensitivity values
Symbol
Parameter
Conditions
Class (1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA = +25°C
A
DLU
Dynamic latch-up class
VDD33 = 3.3V, fOSC = 12 MHz, TA = +25°C
A
Table 20.
General I/O port pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
TTL ports
0.16 x
VDD33
V
VIH
Input high level voltage
0.85 x
VDD33
Vhys
Schmitt trigger voltage hysteresis (1)
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested
in production.
400
mV
IL
Input leakage current
VSS VIN VDD33,
standard I/Os
1µA
IL5V
5V tolerant input leakage current
VSS VIN VDD33
10
VIN = 5V, 25°C
30
RPU
Weak pull-up equivalent resistor (2)
2.
The RPU pull-up equivalent resistor is based on a resistive transistor. This data is based on
characterization results, tested in production at VDD33 max.
VIN = VSS
VDD33 =
3.3V
32
50
75
k
Ω
Vil/Vih (V)
0
0.5
1
1.5
2
2.5
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com