| Electronic Components Datasheet Search |
|
K9F2G08U Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
K9F2G08U Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 32 page ![]() NAND interface ST72681 10/32 4.2 NAND error correction No NAND Flash memory arrays are guaranteed by manufacturers to be error-free. Error occurrence depends on the Flash cell type (MLC or SLC). The ST72681 embeds hardware and firmware mechanisms to correct the errors. 4.2.1 Hardware error correction The ST72681 embeds a Reed-Solomon algorithm-based hardware cell. This cell directly manages 512-byte data packets on the NAND I/O system. Based on a data packet contents, the cell generates an 80-bit Error Correction Code (ECC) consisting of 8 words each containing 10 bits. During write operations to NAND memory, the 512-bytes of data and the ECC are stored together in the same page. The ECC is stored in the corresponding Redundant Area (RA), using 10 bytes. During read operations, the 512-bytes of data and the 8 ECC words are read back and are passed through the Reed-Solomon cell for decoding. The cell allows the correction of 4 symbols in this 520-symbol packet (512 symbols from data + 8 symbols from ECC). The hardware cell gives 3 possible results: ■ No error detected: the data packet can be used as it is. ■ Correctable error detected: the corrected data are available in a specific 512-byte buffer in the Reed-Solomon cell and are ready to use. ■ Uncorrectable error detected: data corruption is not repairable. 4.2.2 Firmware error management The firmware defines the error correction possibilities with the corrected data packet. When data is not repairable, the block is considered as bad and replaced by another one. See below for further information. 4.3 Management of bad NAND blocks NAND device manufacturers deliver their products with factory-marked bad blocks. This marking depends on the manufacturer and the NAND type (page size, memory technology, etc.). The ST72681 supports all bad block markings currently available on the market. 4.3.1 Bad block identification During firmware initialization, the MCU scans the entire NAND configuration to identify bad blocks. A bad block is defined as follows: ■ 5 different Block Status bytes are considered: 4 Status bytes from page 0 and 1 from an other page (page 127 for MLC NAND; page 1 for SLC NAND). ■ The considered block is declared bad if 1 of these 5 bytes contains 4 bits or more at 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |