Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9W8G08U Datasheet(PDF) 5 Page - STMicroelectronics

Part # K9W8G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9W8G08U Datasheet(HTML) 5 Page - STMicroelectronics

  K9W8G08U Datasheet HTML 1Page - STMicroelectronics K9W8G08U Datasheet HTML 2Page - STMicroelectronics K9W8G08U Datasheet HTML 3Page - STMicroelectronics K9W8G08U Datasheet HTML 4Page - STMicroelectronics K9W8G08U Datasheet HTML 5Page - STMicroelectronics K9W8G08U Datasheet HTML 6Page - STMicroelectronics K9W8G08U Datasheet HTML 7Page - STMicroelectronics K9W8G08U Datasheet HTML 8Page - STMicroelectronics K9W8G08U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ST72681
Pin description
5/32
2
Pin description
Figure 2 shows the TQFP48 package pinout, while Table 2, Table 3, Table 4, and Table 5
give the pin description.
The legend and abbreviations used in these tables are the following:
●
Type
–
I = input
–
O = output
–
S = supply
●
Input level: A = Dedicated analog input
●
In/Output level
–CT = CMOS 0.3VDD/0.7VDD with input trigger
–TT= TTL 0.8V / 2V with Schmitt trigger
●
Output level
–
D8 = 8mA drive
–
D4 = 4mA drive
–
D2 = 2mA drive
Figure 2.
48-pin TQFP package pinout
1.
Must remain NOT connected in the application.
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
RREF
VSSC
VDDC
VDD3
USBDP
VSSBL
VDDA
OSCIN
OSCOUT
VSSA
NAND WP
READ ONLY
EEPROM SCL
VSS_2
VSS_3
NAND ALE/EEPROM SDA
LED1
LED2
RESET
NC(1)
VDD33_2
NC(1)
USBDM
VDDBL
ST72681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com