Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH58NVG3D4 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TH58NVG3D4
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH58NVG3D4 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TH58NVG3D4 Datasheet HTML 19Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 20Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 21Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 22Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 23Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 24Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 25Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 26Page - STMicroelectronics TH58NVG3D4 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ST72681
Electrical characteristics
23/32
Figure 9.
Typical RPU vs. VDD33 with VIN=VSS
Figure 10.
Two typical Applications with unused I/O Pin
7.7.2
Output driving current
Subject to general operating conditions for VDD33, fOSC, and TA unless otherwise specified.
I/Os pullup resistance
30
35
40
45
50
55
60
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Vdd (V)
10k
Ω
UNUSED I/O PORT
Device
10k
Ω
UNUSED I/O PORT
Device
VDD33
10k
Ω
UNUSED I/O PORT
Device
Table 21.
Output driving current
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 7.2.2: Current
characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for a D2 I/O pin when 8
pins are sunk at same time (see Figure 11)
IIO = 2 mA
300
mV
Output low level voltage for a D4 I/O pin when 8
pins are sunk at same time (see Figure 12)
IIO = 4 mA
400
Output low level voltage for a D8 I/O pin when 8
pins are sunk at same time (see Figure 13 )
IIO = 8 mA
500
VDD33-
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 7.2.2:
Current characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVDD33. True open
drain I/O pins do not have VOH.
Output high level voltage for a D2 I/O pin when 8
pins are sourced at same time (see Figure 14)
IIO = 2 mA
600
mV
Output high level voltage for a D4 I/O pin when 8
pins are sourced at same time (see Figure 15 )
IIO = 4 mA
600
Output high level voltage for a D8 I/O pin when 8
pins are sourced at same time (see Figure 16)
IIO = 8 mA
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com