Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2408P-NF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2408P-NF
Description  HyperLink 2.4 GHz 8 dBi Wireless LAN Round Patch Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2408P-NF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2408P-NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2408P-NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2408P-NF Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink 2.4 GHz 8 dBi Wireless LAN
Round Patch Antenna
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth
®
Public Wireless Hotspot
WiFi
Features:
Superior performance
Compact size, looks like a smoke detector
Durable UV-stable, UL flame rated radome
Low loss solid brass element
DC Short lightning protecting
Cable can be hidden when mounting
10 inch coax lead
Can be installed for either vertical or horizontal
polarization
Optional mounting brackets available
Model: HG2408P
Description
Looks like a Smoke Detector!
This very compact round WiFi patch antenna provides 8 dBi gain with very broad coverage. It is
suitable for both indoor and outdoor applications in the 2.4GHz ISM band, including IEEE 802.11b and
802.11g, Bluetooth® and public wireless hotspot applications. This antenna is lightweight and features
an aesthetic UV-stable, UL flame rated white plastic radome which can also be painted to match the
room or building structure. The HG2408P can be installed for horizontal or vertical polarization.
The HG2408P can be mounted flat against the wall or ceiling. Its unique design allows the cable to exit out of the side or from the
back of the unit which is ideal for mounting in locations that require the cable to be hidden.


Similar Part No. - HG2408P-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2408P-NM L-COM-HG2408P-NM Datasheet
103Kb / 3P
HyperLink 2.4 GHz 8 dBi Wireless LAN Round Patch Antenna
More results

Similar Description - HG2408P-NF

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Taoglas antenna solutio...
WPC25B35 TAOGLAS-WPC25B35 Datasheet
818Kb / 10P
2dBi 25mm 2.4 Ghz Patch Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com