Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2409MGU-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2409MGU-RSP
Description  HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409MGU-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2409MGU-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409MGU-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna
with Magnetic Base – Model: HG2409MGU
Applications and Features
Applications:
2.4 GHz ISM Band
2.36 GHz CDMA Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth®
Public Wireless Hotspot
WiFi
Wireless Video Systems
Multipoint and Mobile Applications
Features:
Superior performance
Compact, lightweight design
Durable UV-stable fiberglass radome
Vented end cap and drain holes in base
All weather operation
Magnetic base with 10 ft. high performance low-loss 195-series cable
N-Male, N-Female or RP-SMA Plug connectors
Can be installed in up or down positions
RoHS Compliant
Optional antenna mounts available
Description
High Performance
The HyperGain® HG2409MGU is a high performance omnidirectional WiFi antenna designed for the 2.4 GHz ISM band and 2.36
GHz CDMA band. This compact and lightweight antenna is ideally suited for IEEE 802.11b and 802.11g wireless LANs, public
wireless hotspots, Bluetooth® and other multipoint and mobile applications where high gain and wide coverage is desired. This
antenna includes a magnetic base suitable for tabletop or mobile use, and 10 feet of high performance low-loss 195-Series cable
terminated with an N-Female, N-Male or Reverse-Polarity SMA Plug connector.
All Weather Operation
Constructed for all weather operation, the HG2409MGU features sealed collinear brass elements inside a durable UV-stable
machine gray fiberglass radome. A vented end cap and drain holes in the base help prevent moisture build-up inside the
antenna. These features allow the HG2409MGU to be mounted in up or down positions.


Similar Part No. - HG2409MGU-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409MGU-RTP L-COM-HG2409MGU-RTP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
More results

Similar Description - HG2409MGU-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Maxtena Inc.
MEA-2400-MM MAXTENA-MEA-2400-MM Datasheet
1Mb / 3P
2.4 GHz ISM Magnetic Mount antenna
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com