Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA9219/2YC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA9219/2YC
Description  9.2mmX1.9mm SIDE VIEW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA9219/2YC Datasheet(HTML) 1 Page - Kingbright Corporation

  AA9219/2YC Datasheet HTML 1Page - Kingbright Corporation AA9219/2YC Datasheet HTML 2Page - Kingbright Corporation AA9219/2YC Datasheet HTML 3Page - Kingbright Corporation AA9219/2YC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1401
REV NO: V.6
DATE: MAY/23/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000609
9.2mmX1.9mm SIDE VIEW
Part Number: AA9219/2YC
Yellow
Features
LOW POWER CONSUMPTION.
IDEAL FOR BACKLIGHTING.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - AA9219/2YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA9219/2YC KINGBRIGHT-AA9219/2YC Datasheet
237Kb / 4P
9.2mmX1.9mm SIDE VIEW
More results

Similar Description - AA9219/2YC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
SIDE VIEW IRMS6452/TOP VIEW
05-July-02
logo
Kingbright Corporation
AA9219 KINGBRIGHT-AA9219 Datasheet
238Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_1 Datasheet
237Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_2 Datasheet
236Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_3 Datasheet
237Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2SRC KINGBRIGHT-AA9219-2SRC Datasheet
232Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2SGC KINGBRIGHT-AA9219-2SGC Datasheet
232Kb / 4P
9.2mmX1.9mm SIDE VIEW
AA9219-2EC KINGBRIGHT-AA9219-2EC Datasheet
234Kb / 4P
9.2mmX1.9mm SIDE VIEW
logo
SunLED Corporation
ZMDK47W SUNLED-ZMDK47W Datasheet
181Kb / 4P
9.2mmX1.9mm SIDE VIEW
ZVG47W SUNLED-ZVG47W Datasheet
174Kb / 4P
9.2mmX1.9mm SIDE VIEW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com