Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFC-27W-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # LFC-27W-R
Description  Adhesive-mount clamp with side locking slot for flat cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

LFC-27W-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  LFC-27W-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Std. Package :100pcs.
(Both adhesive tape and
screw employed)
FCA-16-R
(Both adhesive tape and
screw employed)
FCA-10-R
(Adhesive tape)
FCA-07-V0-R
Std. Package :100 pcs.
Std. Package :100 pcs.
Std. Package :100 pcs.
25.4
4
2-φ3.2
25.4
3.7
φ
3.2
12
(Unit:mm)
(Unit:mm)
(No adhesive backing)
MFC-2000
(With adhesive tape)
MFC-3000-R
37
Material
UL94 V-2
● Nylon 66 (Color:Natural )
Features
● Space-saving clamp holds down cables safely.
THIN TYPE CLAMP / LFC・LBFC
1565
LBFC-45N-V0-R
LFC-05BK
Adhesive tape mounting
※ With regard to adhered body which
is covered by UL1565, please contact
our sales department.
UL94 V-0
:LBFC-45N-V0-R
5.9
( 24.45 )
10
12.3
Double sided adhesive tape
45
51
Double sided adhesive tape
Std. Package : 500 pcs.
Std. Package :1000 pcs.
LFC
(Unit:mm)
Part No.
A
LFC-20W-R
LFC-27W-R
LFC-30N-O-R
30.4
37.4
40.0
B
25.6
32.6
35.1
C
Max. width
Max. thickness
14.0
10.0
21
28
30
1.2
1.0
Applicable cable
Std. Package
500 pcs.
UL
UL
UL
…UL1565 recognized product
UL
B
C
Double sided adhesive tape
Adhesive-mount clamp with side locking slot for flat cable
68


Similar Part No. - LFC-27W-R

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
LFC-16N-O-R KGS-LFC-16N-O-R Datasheet
6Mb / 1P
Adhesive-mount clamp with side locking slot for flat cable
LFC-N KGS-LFC-N Datasheet
6Mb / 1P
Adhesive-mount clamp with side locking slot for flat cable
More results

Similar Description - LFC-27W-R

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FCRC-13B-4-01 RICHCO-FCRC-13B-4-01 Datasheet
62Kb / 1P
FLAT CABLE ROUTING CLAMP
logo
List of Unclassifed Man...
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
flat cable clamp - flat cables up to 50-conductor widths
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
Locking PCB Support Adhesive Base
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
PANDUIT CORP.
PLA2S-A-Q PANDUIT-PLA2S-A-Q Datasheet
72Kb / 2P
Combination Adhesive Mount/Cable Ties
logo
Molex Electronics Ltd.
1301160017 MOLEX11-1301160017 Datasheet
31Kb / 1P
Value Plus Box Track for Flat Cable, Festoon End Clamp, 6.86mm
1301160020 MOLEX11-1301160020 Datasheet
30Kb / 1P
Value Plus Box Track for Flat Cable, Festoon End Clamp, 10.92mm
logo
XFMRS Inc.
XFZCAT1730 XFMRS-XFZCAT1730 Datasheet
80Kb / 1P
Clamp Filter for Cable
logo
Richco, Inc.
AFCC-08 RICHCO-AFCC-08 Datasheet
34Kb / 1P
ALUMINUM FLAT CABLE CLAMP
logo
Maxtena Inc.
MMB-04-21-AM MAXTENA-MMB-04-21-AM Datasheet
1Mb / 2P
Adhesive/ magnetic mount bracket with cable and SMA F connector
REV A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com