Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWS-2H Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # LWS-2H
Description  Screw mount locking clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

LWS-2H Datasheet(HTML) 1 Page - KITAGAWA GmbH

  LWS-2H Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
(
:
)
(Unit:mm)
(Unit:mm)
・ ・
●
●
●
(
:
)
※
※
Part No.
A
MU-01-1
MU-01-2
MU-01-3
MU-01-4
MU-01-5
MU-01-8
4
6
8
10
12
18
Std. Package
1,000
pcs.
Part No.
A
MN-1-R
MN-2-R
MN-3-R
5.7
8.5
10.5
Std. Package
500 pcs.
500 pcs.
Part No.
A
MB-1
MB-2
MB-3
MNC-4
5.7
8.5
10.5
̶
Std. Package
500
pcs.
Screw
M2.5
M2.6
1,000
pcs.
…
※
※
※
A
1.4
2
(1)
0.6
9
φ
2.6
(6)
4
φ
2.6
(4.8)
9
5.5
11.3
1565
LOCKING WIRE SADDLE / LWS-H, -W
Features
● Lock secures cables.
Material
● Nylon 66(Color:Natural)
※ For V0 type,“V0”is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
UL94 V-2
(V-0※)
(Unit:mm)
(Unit:mm)
LWS-W
LWS-H
Part No.
φA
Std. Package
B
LWS-2W
LWS-2W-4
3.5
4.2
100 /pcs.
8.5
Part No.
A
Std. Package
LWS-2H
LWS-3H
18.5
27.5
100 /pcs.
1,000 /pcs.
Screw mounting
4
(25)
2
2
11
15
φ
A
B
2
5.5
Screw mount locking clamp
41


Similar Part No. - LWS-2H

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
LWS-2.5S KGS-LWS-2.5S Datasheet
353Kb / 1P
Locking snap-mount clamp
logo
Power Systems GmbH+Co.K...
LWS-2403.3E POWER-SYSTEMS-LWS-2403.3E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-2403.3T POWER-SYSTEMS-LWS-2403.3T Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-2405E POWER-SYSTEMS-LWS-2405E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-2405T POWER-SYSTEMS-LWS-2405T Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - LWS-2H

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
160X10359X CONEC-160X10359X Datasheet
54Kb / 1P
SCREW LOCKING
16K1A1723 CONEC-16K1A1723 Datasheet
199Kb / 1P
SCREW LOCKING Bolt set packed
logo
Weidmuller
0267400000 WEIDMULLER-0267400000 Datasheet
464Kb / 1P
Screw Clamp Connections Spring Loaded
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
Screw or spring clamp terminals
logo
Neutrik AG
NAC3FX-W-TOP NEUTRIK-NAC3FX-W-TOP Datasheet
72Kb / 2P
Locking female cable connector, screw terminals
logo
HARTING Technology Grou...
09-40-016-0311 HARTING-09-40-016-0311 Datasheet
491Kb / 2P
Han 16HPR Base Panel Screw Locking
09-40-016-5411 HARTING-09-40-016-5411 Datasheet
475Kb / 2P
Han 16 HPR Cover Screw Locking
logo
ABB
ZS16 ABB-ZS16 Datasheet
362Kb / 6P
ZS16 Screw Clamp Terminal Blocks
logo
CONEC Elektronische Bau...
160X10529X CONEC-160X10529X Datasheet
215Kb / 1P
SCREW LOCKING Type 1 / M3 / 13mm
09.07.99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com