Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RA4E1
Description  Renesas Microcontrollers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RA4E1_V01 Datasheet HTML 1Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 2Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 3Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 4Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 5Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 6Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 7Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 8Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
1.
Overview
The MCU integrates multiple series of software- and pin-compatible Arm®-based 32-bit cores that share a common set of
Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU in this series incorporates a high-performance Arm Cortex®-M33 core running up to 100 MHz with the following
features:
● Up to 512 KB code flash memory
● 128 KB SRAM
● Quad Serial Peripheral Interface (QSPI)
● USBFS
● Analog peripherals
● Security and safety features
1.1
Function Outline
Regarding Security function, only the access control circuit, random number generation circuit, and unique ID are
supported. The operation of the other circuits is not guaranteed.
Table 1.1
Arm core
Feature
Functional description
Arm Cortex-M33 core
● Maximum operating frequency: up to 100 MHz
● Arm Cortex-M33 core:
– Armv8-M architecture with security extension
– Revision: r0p4-00rel0
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by SysTick timer clock (SYSTICCLK) or system clock (ICLK)
● CoreSight™ ETM-M33
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 512 KB of code flash memory.
Data flash memory
8 KB of data flash memory.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset.
SRAM
On-chip high-speed SRAM with or without parity bit.
Table 1.3
System (1 of 2)
Feature
Functional description
Operating modes
Two operating modes:
● Single-chip mode
● SCI/USB boot mode
Resets
The MCU provides 13 resets.
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) module monitors the voltage level input to the VCC pin. The
detection level can be selected by register settings. The LVD module consists of three separate
voltage level detectors (LVD0, LVD1, LVD2). LVD0, LVD1, and LVD2 measure the voltage level
input to the VCC pin. LVD registers allow your application to configure detection of VCC changes
at various voltage thresholds.
RA4E1 Datasheet
1. Overview
R01DS0391EJ0130 Rev.1.30
Jun 6, 2025
Page 2 of 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com