Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA4E1
Description  Renesas Microcontrollers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA4E1 Datasheet HTML 17Page - Renesas Technology Corp RA4E1 Datasheet HTML 18Page - Renesas Technology Corp RA4E1 Datasheet HTML 19Page - Renesas Technology Corp RA4E1 Datasheet HTML 20Page - Renesas Technology Corp RA4E1 Datasheet HTML 21Page - Renesas Technology Corp RA4E1 Datasheet HTML 22Page - Renesas Technology Corp RA4E1 Datasheet HTML 23Page - Renesas Technology Corp RA4E1 Datasheet HTML 24Page - Renesas Technology Corp RA4E1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
2.2.5
Operating and Standby Current
Table 2.7
Operating and standby current (1 of 2)
Parameter
Symbol
Min Typ
Max
Unit
Test
conditions
Supply
current*1
High-speed
mode
Maximum*2 *13
ICC*3
65
mA
ICLK =
100 MHz
PCLKA =
100 MHz
PCLKB =
50 MHz
PCLKC =
50 MHz
PCLKD =
100 MHz
FCLK =
50 MHz
CoreMark®*5 *6 *12 *14
8.1
Normal mode
All peripheral clocks enabled,
while (1) code executing from
flash*4 *12
15.4
All peripheral clocks disabled,
while (1) code executing from
flash*5 *6 *12 *14
6.1
Sleep mode*5 *14
4.4*6
*12
25*7
*13
Increase during
BGO operation
Data flash P/E
6
Code flash P/E
8
Low-speed mode*5 *10
0.8
ICLK = 1 MHz
Subosc-speed mode*5 *11
0.7
ICLK =
32.768 kHz
Software Standby mode
SNZCR.RXDREQEN = 1
14
SNZCR.RXDREQEN = 0
0.7
Deep
Software
Standby
mode
Power supplied to Standby SRAM and USB
resume detecting unit
16
96
µA
Power not
supplied to
SRAM or USB
resume
detecting unit
Power-on reset circuit low power
function disabled
12
27
Power-on reset circuit low power
function enabled
5
17
Increase when
the RTC and
AGT are
operating
When the low-speed on-chip
oscillator (LOCO) is in use
4.4
When a crystal oscillator for low
clock loads is in use
1.0
When a crystal oscillator for
standard clock loads is in use
1.6
RTC operating while VCC is off (with the
battery backup function, only the RTC and
sub-clock oscillator operate)
When a crystal
oscillator for low
clock loads is in use
0.6
VBATT = 1.8 V,
VCC = 0 V
1.2
VBATT = 3.3 V,
VCC = 0 V
When a crystal
oscillator for
standard clock loads
is in use
1.1
VBATT = 1.8 V,
VCC = 0 V
1.8
VBATT = 3.3 V,
VCC = 0 V
Inrush current on returning from Deep
Software Standby mode
Inrush current*8
IRUSH
160
mA
Energy of inrush
current*8
ERUSH
1.0
µC
Analog
power
supply
current
During 12-bit A/D conversion
AICC
0.8
1.1
mA
During D/A conversion
Without AMP output
0.1
0.2
mA
With AMP output
0.6
1.1
mA
Waiting for A/D, D/A conversion
0.5
1.0
mA
ADC12, DAC12 in standby modes*9
0.4
4.0
µA
RA4E1 Datasheet
2. Electrical Characteristics
R01DS0391EJ0130 Rev.1.30
Jun 6, 2025
Page 21 of 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com