Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 51Page - Renesas Technology Corp RA4E2 Datasheet HTML 52Page - Renesas Technology Corp RA4E2 Datasheet HTML 53Page - Renesas Technology Corp RA4E2 Datasheet HTML 54Page - Renesas Technology Corp RA4E2 Datasheet HTML 55Page - Renesas Technology Corp RA4E2 Datasheet HTML 56Page - Renesas Technology Corp RA4E2 Datasheet HTML 57Page - Renesas Technology Corp RA4E2 Datasheet HTML 58Page - Renesas Technology Corp RA4E2 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Table 2.31
IIC timing(2)
Conditions: VCC = 3.00 to 3.60 V
Setting of the SDA0_D, SCL0_D pins is not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
IIC
(Hs-mode)
BFCTL.HSME = 1
SCL input cycle time
tSCL
55(57) × tI3Ccyc
—
ns
SCL input high pulse
width
Cb = 400 pF
tSCLH
43(44) × tI3Ccyc
—
ns
Cb = 100 pF
23(24) × tI3Ccyc
—
SCL input low pulse
width
Cb = 400 pF
tSCLL
64(65) × tI3Ccyc
—
ns
Cb = 100 pF
32(33) × tI3Ccyc
—
SCL rise time
Cb = 400 pF
tSrCL
—
80
ns
Cb = 100 pF
—
40
SDA rise time
Cb = 400 pF
tSrDA
—
160
ns
Cb = 100 pF
—
80
SCL fall time
Cb = 400 pF
tSfCL
—
80
ns
Cb = 100 pF
—
40
SDA fall time
Cb = 400 pF
tSfDA
—
160
ns
Cb = 100 pF
—
80
SCL, SDA input spike pulse removal time tSP
0
1(1) × tI3Ccyc
ns
Repeated START condition input setup
time
tSTAS
40
—
ns
STOP condition input setup time
tSTOS
40
—
ns
Data input setup time
tSDAS
10
—
ns
Data input hold time
Cb = 400 pF
tSDAH
0
150
ns
Cb = 100 pF
0
70
SCL, SDA capacitive load
Cb*1
—
400
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0x3 while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
I3C_SDA0
I3C_SCL0
Sr
tSfDA
tSrDA
tSTAS
tSDAH
tSDAS
tSTOS
tSfCL
tSCLH
tSCLH
tSCLL
tSCLL
tSrCL
0.3 × VCC
= MCS current source pull-up
= Rp resistor pull-up
Sr
P
0.7 × VCC
0.3 × VCC
0.7 × VCC
Figure 2.42
I2C bus interface input/output timing (Hs-mode)
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0150 Rev.1.50
May 29, 2026
Page 55 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com