Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO17170 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170
Description  383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO17170 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO17170 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO17170
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO17170• Rev. 1.1
OIRR
Off Isolation
Signal = 0dBm, RL = 50Ω,CL = 5pF,
f=1MHz
-60
dB
Signal = 0dBm, RL = 50Ω,CL = 5pF
f=10MHz
-39
dB
XTALK
Crosstalk
Signal = 0dBm, RL = 50Ω,CL = 5pF
f=1MHz
-63
dB
Signal = 0dBm, RL = 50Ω,CL = 5pF
f=10MHz
-43
dB
Specifications subject to change without notice.
Typical Performance Characteristics
Figure 10 THD vs. Frequency
Figure 11 Quiescent Supply Current vs.SupplyVoltage
Figure 12 Switch On Resistance vs.Input Voltage
Figure 13 Break Before Make Time
26.3579nA@4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com