Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO31308 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO31308
Description  8:1, 1-Channel Multiplexers with Injection Current Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO31308 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO31308 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO31308 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DIO31308
Version 1.1, Mar 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
17
10.3. Design requirements
For this design example, use the parameters listed in Table 3.
Table 3. Design parameters
Parameters
Values
Supply (VCC)
5.0 V
I/O signal range
0 V to VCC (Rail to rail)
Control logic thresholds
1.8 V compatible
Switch inputs
Eight
10.4. Power supply recommendations
The DIO31308 operates across a wide supply range of 1.62 V to 5.5 V. Note: do not exceed the absolute
maximum ratings as stresses beyond the listed ratings may cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VCC supply
to other components. Good power-supply decoupling is important to achieve optimum performance.
Use a supply decoupling capacitor between 0.1 μF and 10 μF from VCC to ground for better supply noise
immunity. Using low-impedance connections, position the bypass capacitors as close as feasible to the device's
power supply pins. For power-supply decoupling, DIOO advises utilizing multi-layer ceramic chip capacitors
(MLCCs), which have low equivalent series resistance (ESR) and inductance (ESL) properties. Avoid to utilize
vias to link the capacitors to the device pins for particularly sensitive systems or systems in harsh noise
environments, which may provide better noise immunity. For connections to ground planes, using several vias in
parallel reduces the overall inductance and is advantageous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com