Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC76B1R Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC76B1R
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC76B1R Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC76B1R Datasheet HTML 1Page - STMicroelectronics M74HC76B1R Datasheet HTML 2Page - STMicroelectronics M74HC76B1R Datasheet HTML 3Page - STMicroelectronics M74HC76B1R Datasheet HTML 4Page - STMicroelectronics M74HC76B1R Datasheet HTML 5Page - STMicroelectronics M74HC76B1R Datasheet HTML 6Page - STMicroelectronics M74HC76B1R Datasheet HTML 7Page - STMicroelectronics M74HC76B1R Datasheet HTML 8Page - STMicroelectronics M74HC76B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC76
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per FLIP/
FLOP)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time (CK - Q, Q)
2.0
60
125
155
190
ns
4.5
15
25
31
38
6.0
13
21
26
32
tPLH tPHL Propagation Delay
Time (CLR, PR -
Q, Q)
2.0
76
140
175
210
ns
4.5
18
28
35
42
6.0
16
24
30
36
fMAX
Maximum Clock
Frequency
2.0
6.2
21
5.0
4.2
MHz
4.5
31
63
25
21
6.0
37
67
30
25
tW(H)
tW(L)
Minimum Pulse
Width (CK)
2.0
18
75
95
110
ns
4.5
6
151922
6.0
6
131619
tW(L)
Minimum Pulse
Width (CLR, PR)
2.0
22
75
95
110
ns
4.5
6
151922
6.0
6
131619
ts
Minimum Set-up
Time
2.0
25
75
95
110
ns
4.5
7
151922
6.0
6
131619
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time (CLR, PR)
2.0
20
75
95
110
ns
4.5
6
151922
6.0
5
131619
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
38
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com