Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS18 Datasheet(PDF) 13 Page - Clarke International

Part # CTS18
Description  10”(250MM) TABLE SAW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTS18 Datasheet(HTML) 13 Page - Clarke International

Back Button CTS18 Datasheet HTML 9Page - Clarke International CTS18 Datasheet HTML 10Page - Clarke International CTS18 Datasheet HTML 11Page - Clarke International CTS18 Datasheet HTML 12Page - Clarke International CTS18 Datasheet HTML 13Page - Clarke International CTS18 Datasheet HTML 14Page - Clarke International CTS18 Datasheet HTML 15Page - Clarke International CTS18 Datasheet HTML 16Page - Clarke International CTS18 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
3. Attach the stabilisers (D) to the
rear legs (with bolt-holes) using
the coachbolts, washers and nuts
supplied.
4. Fit the table saw to the stand.
Secure the assemblies together by
bolting the stand to the base of
the machine.
5. Check that all bolts are tightened
and then turn the table saw and
stand over onto the feet.
FITTING THE TABLE EXTENSIONS
Bolt each table extension to the
table and connect the support struts
between the extension and the stand
as shown by removing and re-fitting
the leg bolts at each side.
FITTING THE SLIDING SCALE
Bolt the scale to the front edge of the
table using four bolts/nuts/washers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com