Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACCD86-236AS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RACCD86-236AS
Description  Releasable, adjustable snap-mount clamp that prevents power cord from unplugging
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RACCD86-236AS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RACCD86-236AS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE-USE A.C. CORD CLAMP / RACCD86-***AS
Snap Mounting
Features
● Prevents power sockets from being removed from
inlets.
● Easy detachable, reusable structure enables
improved maintenance and disassembly with no
tools.
Material
Round hole
Specification drawing
φ4.8
+0.2
0
CONNECTOR ENTRY POINT
REFERENCE POSITION OF
MOUNTING HOLE
( 84.5 )
4.5
(27.8)
L
(22.4)
● Nylon 66 (Color:Black )
:RACCD86-276AS
UL94 V-2
:RACCD86-236AS
UL94 V-0
Releasable, adjustable snap-mount clamp
that prevents power cord from unplugging
(Unit:mm)
Part No.
Length Bundle diameter
RACCD86-236AS
RACCD86-276AS
84.5
118.5
Panel thickness
0.5~2.0
φ11~13.5
Std. Package
100 pcs.
74


Similar Part No. - RACCD86-236AS

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RAC APEX-ELECTRONICS-RAC Datasheet
748Kb / 3P
Rocker Switch, high power rating, liiumination, UL/ VDE
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
Up to 488VAC input voltage range
RAC-DIN RECOM-RAC-DIN Datasheet
147Kb / 1P
DIN Rail Mounting Kit for AC/DC Converter Modules
RAC-MB1 RECOM-RAC-MB1 Datasheet
146Kb / 1P
Mounting Bracket for RECOM AC/DC converters
0/2022
RAC01-05SC RECOM-RAC01-05SC Datasheet
123Kb / 2P
1 - 2 Watt Single Output
More results

Similar Description - RACCD86-236AS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
608689 MACOM-608689 Datasheet
36Kb / 1P
NON-RELEASABLE LASHING TIE 20 INCH
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
Releasable Adhesive Backed Wire Clips
561-CB037 ETC2-561-CB037 Datasheet
43Kb / 2P
Releasable Clamp on Fin Clip Base
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
TE Connectivity Ltd
C-2213301 TEC-C-2213301 Datasheet
688Kb / 3P
CONNECTOR ASSEMBLY, RELEASABLE POKE-IN
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
TE Connectivity Ltd
1-1773730-4 TEC-1-1773730-4 Datasheet
2Mb / 5P
Releasable Poke-In Wire Connector
108-32063 TEC-108-32063 Datasheet
415Kb / 5P
Surface Mount Technology (SMT) Releasable Poke-In Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com