Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBWS-1WM-V0 BK-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RBWS-1WM-V0 BK-R
Description  Adhesive locking cable clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RBWS-1WM-V0 BK-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RBWS-1WM-V0 BK-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
Ⅰ
Ⅱ
●
(
:
)
1565
(Unit:mm)
(Unit:mm)
…
Part No.
Type
Panel
thickness
t0.5~2.0
Mounting
hole size
GRBWS-0610E-VO
GRBWS-0911E-VO
GRBWS-1212E-VO
GRBWS-1416E-VO
GRBWS-2020E-VO
Ⅱ
10.0
11.0
12.0
16.0
20.0
A
6.0
8.5
12.0
14.0
20.0
B
(13.9)
(16.4)
(20.3)
(22.6)
(28.7)
C
(17.4)
(17.0)
(17.0)
(21.2)
(25.2)
D
5.5
5.5
5.5
5.5
5.8
E
φ4.8±0.1
Part No.
Type
Panel
thickness
t0.5~1.6
Mounting
hole size
GRBWS-0306E-VO
GRBWS-0409E-VO
Ⅰ
5.7
9.0
A
2.5
4.0
B
(8.3)
(10.4)
C
(12.4)
(16.2)
D
4.5
4.5
E
φ3.5±0.1
(Unit:mm)
…
Part No.
Type
Panel
thickness
t0.5~1.6
Mounting
hole size
RBWS-0306E-F
RBWS-0409E-F
A
5.7
9.0
A
14.6
19.2
(B)
6.5
7.2
(C)
2.5
4.0
D
10.3
12.5
(E)
φ3.5 +0.2
0
Part No.
Type
Panel
thickness
t0.8~2.0
Mounting
hole size
RBWS-0610E-F
RBWS-0911E-F
RBWS-1212E-F
RBWS-1416E-F
RBWS-2020E-F
B
10.0
11.0
12.0
16.0
20.0
A
21.2
22.2
20.6
25.8
30.0
(B)
10.5
10.5
10.8
11.0
12.5
(C)
6.0
8.5
12.0
14.0
20.0
D
18.3
20.8
24.6
26.8
34.3
(E)
φ4.8 +0.2
0
A
(B)
(B)
A
●
●
●
●
(
:
)
LOCKING WIRE SADDLE / RBWS-M
Features
● Lock fastens and releases cables quickly.
● Round inner corners also suitable for halogen-free
cables
Adhesive tape mounting
※With regard to adhered body which
is covered by UL1565, please contact
our sales department.
Material
UL94 V-0
● Nylon 66(Color:Black)
Round inner corners
also suitable for
halogen-free cables
(Unit:mm)
UL
UL
UL
UL
UL
UL
…UL1565 recognized product
UL
Part No.
RBWS-05M-V0 BK-R
RBWS-1M-V0 BK-R
RBWS-2M-V0 BK-R
RBWS-3M-V0 BK-R
(A)
B
4.9
7.4
9.9
C
11.0
D
5.0
E
19.0
7.0
3.7
13.0
100 pcs.
18.3
23.1
25.6
28.1
27.0
29.5
15.0
4.2
22.0
4.9
7.4
Part No.
RBWS-1WM-V0 BK-R
RBWS-2WM-V0 BK-R
(A)
B
C
D
E
Std. Package
100 pcs.
Std. Package
1565
※ Double sided adhesive tape
D
※
C
1.8
E
3.8
Adhesive locking cable clamp
32


Similar Part No. - RBWS-1WM-V0 BK-R

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RBWS-1.5TL-V0 BK KGS-RBWS-1.5TL-V0 BK Datasheet
417Kb / 1P
Releasable cable clamp with minimum protrusion on panel
RBWS-1015D V0 KGS-RBWS-1015D V0 Datasheet
517Kb / 1P
Releasable cable clamp with minimum protrusion on panel
RBWS-1212E-F KGS-RBWS-1212E-F Datasheet
317Kb / 1P
Releasable fluoro resin clamp
RBWS-1416E-F KGS-RBWS-1416E-F Datasheet
317Kb / 1P
Releasable fluoro resin clamp
RBWS-1515D V0 KGS-RBWS-1515D V0 Datasheet
517Kb / 1P
Releasable cable clamp with minimum protrusion on panel
More results

Similar Description - RBWS-1WM-V0 BK-R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
List of Unclassifed Man...
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
Locking PCB Support Adhesive Base
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
Cable Clamp
SLCC221-C09 ROSENBERGER-SLCC221-C09 Datasheet
79Kb / 2P
Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
Cable Clamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com