Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # SPP
Description  Spiral tube to bundle and protect cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

SPP Datasheet(HTML) 1 Page - KITAGAWA GmbH

  SPP Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cutting available
Please contact our sales department for details.
Please contact our sales department for details.
Features
● Bundles and protects cables simultaneously.
● Easy cable bundling by twisting TUBE. Can be used
to join or divide cable bundles.
SPIRAL TUBE / SPP
・SPN・SPF
● Polyethylene(Color:Natural)
● Nylon 6(Color:Natural)
● Fluorocarbon resin(Color:Natural)
: SPP
: SPN
: SPF
Material
UL94 HB
UL94 HB(V-0※)
UL94 V-0
P
(Unit:mm)
(Unit:mm)
Material
Outer diameterφA
Thickness T
Pitch P
Bundle diameterφC
Std. Package
Part No.
SPP-04L
SPP-06L
SPP-08L
SPP-11L
SPP-12L
SPP-13L
SPP-15L
SPP-18L
SPP-24L
SPP-29L
SPN-04L
SPN-06L
SPN-08L
SPN-11L
SPN-15L
SPN-18L
SPN-24L
SPN-29L
SPF-04L
SPF-06L
SPF-12L
24.2
26.0
28.0
11.0
12.0
13.0
15.0
18.0
24.0
29.0
23.6
25.5
27.6
10.6
13.6
16.6
21.6
27.0
24.2
26.0
12.0
0.85
1.05
1.00
1.50
1.50
1.55
1.50
1.50
2.00
2.00
0.50
0.75
0.85
0.85
0.85
0.85
0.85
1.05
0.85
1.05
1.55
06.0
08.0
10.0
12.0
12.0
12.0
15.0
20.0
22.0
28.0
06.0
08.0
10.0
12.0
15.0
20.0
22.0
28.0
06.0
10.0
12.0
100m
150m
125m
100m
150m
125m
100m
150m
φ 3~ 7
φ04~12
φ06~18
φ08~25
φ09~28
φ10~30
φ12~35
φ15~45
φ20~60
φ25~75
φ03~ 7
φ04~12
φ06~18
φ09~28
φ12~35
φ15~45
φ20~60
φ25~75
φ03~ 7
φ04~10
φ09~20
Polyethylene
Nylon
Fluorocarbon resin
Part No.
Std. Package
Loop diameter
KCJ-15
KCJ-20
KCJ-25
KCJ-30
KCJ-40
KCJ-50
KCJ-70
KCJ-100
φ015
φ020
φ025
φ030
φ040
φ050
φ070
φ100
25m
※ Fluorocarbon resin SPIRAL TUBE is only made to order.
※ For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
Spiral tube to bundle and protect cables
106


Similar Part No. - SPP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
Lower ranges available - contact factory
SPP TTELEC-SPP Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
SPP-01M FREQUENCYDEVICES-SPP-01M Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
Accessories Connectors and Cables
1-Mar-2007
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
PANDUIT CORP.
WBS6-Q PANDUIT-WBS6-Q Datasheet
38Kb / 2P
Bundle and secure wire cable
BR5-E6-C PANDUIT-BR5-E6-C Datasheet
146Kb / 1P
Bundle Retainers
logo
SICK AG
DOL-0804-W05MRN SICK-DOL-0804-W05MRN Datasheet
258Kb / 4P
Plug connectors and cables
DOL-1204-L25MRN SICK-DOL-1204-L25MRN Datasheet
275Kb / 4P
Plug connectors and cables
DOL-1205-G10MRN SICK-DOL-1205-G10MRN Datasheet
240Kb / 4P
Plug connectors and cables
logo
PHOENIX CONTACT
3241111 PHOENIX-3241111 Datasheet
54Kb / 3P
Spiral tube - WG-S HF 20
09/12/2020
3241113 PHOENIX-3241113 Datasheet
53Kb / 3P
Spiral tube - WG-S HF 40
09/12/2020
logo
Lapp.
61742400 LAPP-61742400 Datasheet
104Kb / 2P
Shrink tube PROTECT
09.11.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com