Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # WBC
Description  Snap-mount locking clamp to insert into wooden panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

WBC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  WBC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap-mount locking clamp to insert into wooden panel
Part No.
Mounting
hole depth
Mounting
Max number/
diameter of bundle
φ1×5pcs.≧
≦φ17
WBC-0107 BK
WBC-1424 BK
φ6.7±0.1
φ7.7±0.2
≧8
≧9
(Unit:mm)
WOOD-USE CLAMP / WBC
Features
● Snap-in structure enables one-touch installation which reduces workload.
● Unique snap structure holds securely onto wooden board.
● Round mounting hole
Round hole
Material
UL94 V-2
● Nylon 66
(Color:Black)
7.8
1
13.2
7
(27.1)
1.5
10
16
Ø7.2
WBC-0107 BK
WBC-1424 BK
54


Similar Part No. - WBC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC TTELEC-WBC Datasheet
787Kb / 3P
Discrete or tapped schematics
logo
IRC - a TT electronics ...
WBC-B0202AG-01-1002-B IRCTT-WBC-B0202AG-01-1002-B Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-C IRCTT-WBC-B0202AG-01-1002-C Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-D IRCTT-WBC-B0202AG-01-1002-D Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-F IRCTT-WBC-B0202AG-01-1002-F Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
More results

Similar Description - WBC

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2DM409 HONEYWELL-ACC-2DM409 Datasheet
169Kb / 3P
Snap-in Panel Mount
logo
Witten Company, Inc.
NAS1835 WITTEN-NAS1835 Datasheet
329Kb / 3P
INSERT, MOLDED IN, BLIND, THREADED, SELF-LOCKING NONSELF-LOCKING, FLOATING, SANDWICH PANEL
2253 WITTEN-2253 Datasheet
289Kb / 2P
INSERT, BLIND, SNAP-IN, THREADED, SELF-LOCKING NONSELF-LOCKING, SANDWICH PANEL
NAS1833 WITTEN-NAS1833 Datasheet
331Kb / 3P
INSERT, MOLDED IN, THREADED, SELF-LOCKING,NONSELF LOCKING, SANDWICH PANEL
NAS1836 WITTEN-NAS1836 Datasheet
513Kb / 3P
INSERT, MOLDED IN, THREADED, SELF-LOCKING NONSELF-LOCKING,LIGHTWEIGHT, SANDWICH PANEL
logo
FIBOX Enclosing innovat...
8120861 FIBOX-8120861 Datasheet
40Kb / 1P
Locking insert Square 7mm
24.07.2023
8120862 FIBOX-8120862 Datasheet
40Kb / 1P
Locking insert Square 8mm
24.07.2023
8120863 FIBOX-8120863 Datasheet
38Kb / 1P
Locking insert Triangular 8mm
24.07.2023
8120981 FIBOX-8120981 Datasheet
40Kb / 1P
Locking insert Square 7mm
24.07.2023
8120982 FIBOX-8120982 Datasheet
40Kb / 1P
Locking insert Square 8mm
24.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com