Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTOCXO20 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTOCXO20
Description  Voltage Controlled Frequency Adjustment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTOCXO20 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTOCXO20 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACTOCXO20
FEATURES
APPLICATIONS
Stability to ±0.02PPM
PCS / Cellular Base Stations
Low Aging
Digital Switching
Voltage Controlled Frequency Adjustment
Synthesizer
Measurement Equipment
SC Cut OXCO Please Enquire
SPECIFICATIONS
Frequency Range
1.0 ~ 160MHz
Frequency Accuracy (Adjustment 25
°C)
±0.5PPM (centre control voltage)
Frequency Stability vs Temperature
See Table 1
Aging (AT Cut)
±0.002PPM/day, first year ±0.3PPM, 10 years ±2PPM
(SC Cut)
±0.001PPM/day, first year ±0.1PPM, 10 years ±0.5PPM
Output Type and Load Characteristics
See Table 2
Frequency Stability vs Load
±0.02PPM vs ±10% load change
Supply Voltage
+3.3VDC, +5.0VDC
Frequency Stability vs Voltage
±0.02PPM vs ±5% voltage change
Supply Consumption
3.6W (max.) warm-up; 1.2W (max.) static
Warm-up Time (AT Cut)
±0.1PPM, <1 min.
(SC Cut)
±0.03PPM, <1 min.
Adjustable Frequency Range (AT Cut)
AT Cut ±7.0PPM, Control Voltage Range
0~5V
Slope
Positive
Linearity
±10%
Phase Noise (10MHz SC-Cut)
10Hz, -120dBc/Hz
100Hz, -140dBc/Hz
1kHz, -145dBc/Hz
10kHz, -150dBc/Hz
Storage Temperature Range
-40~+100
° C
FREQUENCY STABILITY vs TEMPERATURE – TABLE 1
(Applies to frequencies < 20MHz & to 5v0 supply. For frequencies > 20MHZ & 3v3 stabilities will be lower –Please enquire)
Frequency Stability vs Temperature
Temperature Range
±0.020PPM (AT Cut)
0 - +50
° C
±0.050PPM (AT Cut)
-20 - +70
° C
±0.100PPM (AT Cut)
-40 - +75
° C
OUTPUT TYPE AND LOAD CHARACTERISTICS – TABLE 2
Output
Waveform
Frequency Range
Oscillation State
Output Characteristics
Clipped Sine
Wave
8MHz - 30MHz
10MHz - 100MHz
F: Fundamental
O: Overtone
Load: 10kΩ/10pF
Output level: >1Vp-p
TTL
1MHz - 30MHz
10MHz - 100MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL gates
“1” level: >+2.4VDC; “0” level: <+0.2VDC
Duty cycle: 45/55
Rise/fall time: <6ns
HCMOS
1MHz - 30MHz
10MHz - 100MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/HCMOS
“1” level: >+4.3VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
ACMOS
1MHz - 30MHz
10MHz - 100MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/ACMOS
“1” level: >+4.3 VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
Please note that all parameters cannot necessarily be specified in one device.
Customer to specify: Frequency, Output, Voltage, Stability, and Operating Temperature
In line with our ongoing policy of product improvement and evolvement the above specification may be subject to change without notice
IS9001: 2000 Registered
For quotations or further information, please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY UK
http:/www.actcrystals.com
PIN FUNCTION:
PIN1 – Power Supply
PIN2 – Output
PIN3 – GND
PIN4 – Control Voltage
PIN5 – Reference Voltage/NC
(Unit: mm)
Tel: 0044 (0) 118 979 1238
Fax: 0044 (0) 118 979 1283
Email: info@actcrystals.com
Issue: 4 S8
Date: 14/09/06
SC Cut OXCO Please Enquire


Similar Part No. - ACTOCXO20

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTOCXO25 ACT-ACTOCXO25 Datasheet
100Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
More results

Similar Description - ACTOCXO20

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTOCXO14 ACT-ACTOCXO14 Datasheet
93Kb / 1P
Voltage Controlled Frequency Adjustment
13/09/06
ACTOCXO25 ACT-ACTOCXO25 Datasheet
100Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO36 ACT-ACTOCXO36 Datasheet
97Kb / 1P
Voltage Controlled Frequency Adjustment
26/09/06
ACTOCXO38 ACT-ACTOCXO38 Datasheet
96Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
logo
Vectron International, ...
VS-401 VECTRON-VS-401_12 Datasheet
225Kb / 6P
Voltage Controlled SAW Oscillator High Frequency
logo
Silicon Laboratories
SI516 SILABS-SI516 Datasheet
1Mb / 22P
DUAL FREQUENCY VOLTAGE-CONTROLLED
SI554 SILABS-SI554 Datasheet
132Kb / 15P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
SI597 SILABS-SI597 Datasheet
123Kb / 12P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Delta Electronics, Inc.
NE12S10A DELTA-NE12S10A Datasheet
656Kb / 12P
Voltage Margining Adjustment
logo
Pepperl+Fuchs Inc.
KLD0-SAA PF-KLD0-SAA Datasheet
587Kb / 2P
Voltage adjustment module
2021-01-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com