Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010ST6 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010ST6
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010ST6 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO60010ST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60010ST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
II
Ordering Information
Ordering Part
No.
Top
Marking
Operation
Mode
MSL
RoHS
TA
Package
DIO60010SH3
W1V
Auto Mode
3
Green
-40 to 85°C
SOT563
Tape & Reel, 5000
DIO60010ST6
W010
Auto Mode
3
Green
-40 to 85°C
SOT23-6
Tape & Reel, 3000
DIO60010ST5
V0LYW
Auto Mode
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO60010DN6
D6VA
Auto Mode
3
Green
-40 to 85°C
DFN2×2-6
Tape & Reel, 3000
DIO60010ASH3
W1A
FPWM
3
Green
-40 to 85°C
SOT563
Tape & Reel, 5000
DIO60010AST6
W01A
FPWM
3
Green
-40 to 85°C
SOT23-6
Tape & Reel, 3000
DIO60010AST5
V1AYW
FPWM
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com