Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60120 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120
Description  5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60120 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60120 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DIO60120
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
Pin Name
I/O
Description
EN
I
Enable control. Pull high to turn on. Do not float.
Thermal pad (GND)
G
Internally connect to GND. Recommend to connect to a large ground plane for
the improved thermal performance.
SW
I/O
Inductor pin. Connect this pin to the switching node of inductor.
VIN
I
Power input.
FB
O
Output feedback pin. Connect this pin to the center point of the output resistor
divider to program the output voltage:
VOUT = 0.6 × (1 + R1/R2).
PG
O
Power good indicator. When the output voltage exceeds 95% of regulation point,
it becomes open drain; low otherwise.
PGND
G
Power ground. Must connect this pin to the system ground on the board.
SGND
G
Signal ground. Must connect this pin to the system ground on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com