Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57002S-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD57002S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002S-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD57002S-E Datasheet HTML 6Page - STMicroelectronics PD57002S-E Datasheet HTML 7Page - STMicroelectronics PD57002S-E Datasheet HTML 8Page - STMicroelectronics PD57002S-E Datasheet HTML 9Page - STMicroelectronics PD57002S-E Datasheet HTML 10Page - STMicroelectronics PD57002S-E Datasheet HTML 11Page - STMicroelectronics PD57002S-E Datasheet HTML 12Page - STMicroelectronics PD57002S-E Datasheet HTML 13Page - STMicroelectronics PD57002S-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Common source s-parameter
PD57002-E, PD57002S-E
10/23
5
Common source s-parameter
5.1
PD57002 (VDS = 28V IDS = 75mA)
Table 6.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.980
-16
10.01
166
0.006
75
0.963
-12
100
0.972
-31
9.63
153
0.012
64
0.949
-23
150
0.966
-46
9.04
141
0.017
53
0.942
-35
200
0.951
-59
8.46
129
0.020
42
0.918
-45
250
0.944
-70
7.78
119
0.023
32
0.911
-54
300
0.936
-80
7.09
110
0.025
23
0.896
-63
350
0.925
-90
6.50
101
0.026
16
0.885
-70
400
0.926
-98
5.93
93
0.026
8
0.888
-77
450
0.924
-105
5.43
85
0.026
2
0.886
-83
500
0.919
-112
4.96
78
0.027
-2
0.897
-89
550
0.921
-117
4.52
72
0.027
-9
0.894
-95
600
0.915
-122
4.17
66
0.026
-15
0.896
-99
650
0.920
-127
3.84
61
0.026
-20
0.904
-104
700
0.922
-131
3.55
56
0.024
-25
0.914
-108
750
0.921
-135
3.31
51
0.024
-29
0.920
-112
800
0.922
-138
3.07
46
0.023
-33
0.929
-116
850
0.924
-141
2.87
42
0.022
-38
0.937
-119
900
0.922
-145
2.69
38
0.021
-39
0.934
-123
950
0.926
-147
2.52
34
0.020
-43
0.931
-125
1000
0.919
-150
2.38
30
0.019
-45
0.938
-128
1050
0.920
-153
2.24
27
0.018
-49
0.941
-131
1100
0.918
-155
2.13
23
0.018
-51
0.941
-134
1150
0.916
-158
2.02
19
0.017
-56
0.943
-136
1200
0.921
-160
1.92
16
0.016
-60
0.940
-138
1250
0.912
-162
1.84
12
0.015
-62
0.943
-141
1300
0.914
-164
1.76
9
0.014
-70
0.944
-143
1350
0.914
-166
1.68
6
0.013
-71
0.942
-144
1400
0.908
-168
1.61
3
0.013
-75
0.947
-146
1450
0.909
-170
1.54
0
0.012
-88
0.940
-148
1500
0.900
-172
1.45
-3
0.011
-108
0.934
-149
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com