Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1108 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1108 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1108 Datasheet HTML 6Page - ams-OSRAM AG AS1108 Datasheet HTML 7Page - ams-OSRAM AG AS1108 Datasheet HTML 8Page - ams-OSRAM AG AS1108 Datasheet HTML 9Page - ams-OSRAM AG AS1108 Datasheet HTML 10Page - ams-OSRAM AG AS1108 Datasheet HTML 11Page - ams-OSRAM AG AS1108 Datasheet HTML 12Page - ams-OSRAM AG AS1108 Datasheet HTML 13Page - ams-OSRAM AG AS1108 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
8 - 20
AS1108
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Serial-Addressing Format
Programming the AS1108 is accomplished by writing to the device’s internal registers (see Digit- and Control-Registers
on page 9) via the 4-wire serial interface. A programming sequence consists of 16-bit packages as depicted in Table 6.
The data is shifted into the internal 16-bit register with the rising edge of the CLK signal. With the rising edge of the
LOAD/CSN signal the data is latched into a digit- or control-register. The LOAD/CSN signal must go high after the 16th
rising clock edge.
The LOAD/CSN signal can also come later but this must happen just before the next rising edge of CLK, otherwise the
data will be lost. The contents of the internal shift register are applied 16.5 clock cycles later to pin DOUT. The data is
clocked out at the falling edge of CLK.
The first 4 bits (D15:D12) are “don't care” settings, bits D11:D8 contain the register address, and bits D7:D0 contain the
data. The first bit is D15, the most significant bit (MSB). The exact timing is shown in Figure 10.
Initial Power-Up
On initial power-up, the AS1108 registers are reset to their default values, the display is blanked, and the device goes
into shutdown mode. All registers should be programmed for normal operation at this time.
Note: The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control
Register (see page 12) is set to the minimum values.
Figure 10. Interface Timing
Table 6. 16-Bit Serial Data Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Register Address (see Table 7) MSB
Data
LSB
tCL
LOAD/
CSN
CLK
DIN
DOUT
D15
D14
D1
D0
tDO
tCSS
tDS
tDH
tCH
tCP
tCSH
tCSW
tLDCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com