Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3412-EWLT Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 34Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 35Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 36Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 37Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 38Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 39Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 40Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 41Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
ams Datasheet
Page 37
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Playback Only Mode
The active noise cancelling feature of the AS3412 can also be
disabled with the ANC/CSDA pin. The ANC/CSDA pin has to be
pulled high to enable the ANC function during startup (ANC
MODE). If the pin is connected to ground, the chip enters
playback only mode (PBO MODE) in which the ANC function is
disabled. The operating mode of the line input mute switch, as
well as the mixer input, can be defined in register PBO_MODE.
The microphone amplifier shuts down automatically, but it is
possible to control the operational amplifiers in this mode
separately. Typically only the line input amplifiers and the
headphone amplifier are enabled in the playback only mode. If
this function is not desired you just need to pull the pin high
through a 22kΩ resistor.
Figure 49:
Playback Only Mode Timing Diagram
Playback Only Mode Timing Diagram: The diagram shows the necessary voltages and timings for different
operation modes in Playback Only Mode.
ANC/CSDA Pin
ANC ON
Playback Only Mode
ANC ON
200-400ms
200-400ms
>65% VBAT
<35% VBAT
Operation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com