Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3688 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # AS3688
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3688 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button AS3688 Datasheet HTML 56Page - ams-OSRAM AG AS3688 Datasheet HTML 57Page - ams-OSRAM AG AS3688 Datasheet HTML 58Page - ams-OSRAM AG AS3688 Datasheet HTML 59Page - ams-OSRAM AG AS3688 Datasheet HTML 60Page - ams-OSRAM AG AS3688 Datasheet HTML 61Page - ams-OSRAM AG AS3688 Datasheet HTML 62Page - ams-OSRAM AG AS3688 Datasheet HTML 63Page - ams-OSRAM AG AS3688 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
58 - 70
Figure 35 – Serial Interface Page Write
S
DW
A
WA
A
reg_data 1
A
reg_data 2
A
…
reg_data n
A P
Write Register
WA++
Write Register
WA++
Write Register
WA++
AS3688 (= Slave) receives data
AS3688 (= Slave) transmits data
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE
state (the bus is free). The device-write address is followed by the word address. After the word address any
number of data bytes can be sent to the slave. The word address is incremented internally, in order to write
subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either
with a repeated START condition followed by the device-read address, or simply with a new transmission START
followed by the device-read address, when the bus is in IDLE state. The device-read address is always followed
by the 1st register byte transmitted from the slave. In Read Mode any number of subsequent register bytes can
be read from the slave. The word address is incremented internally.
The following diagrams show the serial read formats supported by the AS3688.
Figure 36 – Serial Interface Random Read
S
DW
A
WA
A Sr
DR
A
data
N P
Read Register
WA++
AS3688 (= slave) receives data
AS3688 (= slave) transmits data
Random Read and Sequential Read are combined formats. The repeated START condition is used to change the
direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The
START condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st CLK pulse after the
ACKNOWLEDGE bit of the word address transfer. After the reception of the device-read address, the slave
becomes the transmitter. In this state the slave transmits register data located by the previous received word
address vector. The master responds to the data byte with a NOT ACKNOWLEDGE, and issues a STOP
condition on the bus.
Figure 37 – Serial Interface Sequential Read
S
DW
A
WA
A Sr
DR
A
data 1
A
data 2
AS3688 (= slave) receives data
AS3688 (= slave) transmits data
...
A
data n
N P
Read Register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com