Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 21Page - ams-OSRAM AG C11 Datasheet HTML 22Page - ams-OSRAM AG C11 Datasheet HTML 23Page - ams-OSRAM AG C11 Datasheet HTML 24Page - ams-OSRAM AG C11 Datasheet HTML 25Page - ams-OSRAM AG C11 Datasheet HTML 26Page - ams-OSRAM AG C11 Datasheet HTML 27Page - ams-OSRAM AG C11 Datasheet HTML 28Page - ams-OSRAM AG C11 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
23 - 70
Curr low voltage status 2
Addr: 2Bh
Indicates the low voltage status of the current sinks. If the currX_low_v bit is set, the
voltage on the current sink is too low, to drive the selected output current
Bit
Bit Name
Default
Access
Description
0
curr1_low_v
NA
R
0 = voltage of current Sink CURR1 >currhv_switch
1 = voltage of current Sink CURR1 <currhv_switch
1
curr2_low_v
NA
R
0 = voltage of current Sink CURR2 >currhv_switch
1 = voltage of current Sink CURR2 <currhv_switch
2
curr41_low_v
NA
R
0 = voltage of current Sink CURR41 >currlv_switch
1 = voltage of current Sink CURR41 <currlv_switch
3
curr42_low_v
NA
R
0 = voltage of current Sink CURR42 >currlv_switch
1 = voltage of current Sink CURR42 <currlv_switch
4
curr43_low_v
NA
R
0 = voltage of current Sink CURR43 >currlv_switch
1 = voltage of current Sink CURR43 <currlv_switch
7.3.4 Usage of PCB Wire Inductance
The inductance between the battery and pins VBAT1 and VBAT2 can be used as a filter to reduce disturbance on
the battery. Instead of using one capacitor (C5) it is recommended to split C5 into C51 and C52 with the
capacitance equal:
C51 = C52 = 1/2 x C5
It is recommended to apply a minimum of 20nH (maximum 200nH) with low impedance. This inductance can be
realized on the PCB without any discrete coil. Assuming that a 1mm signal line corresponds to approximately
1nH (valid if the length (L) is significantly bigger than the width (W) of the line (L/W <10)), a line length of:
20mm < L < 200mm
is recommended. The shape of the line is not important.
Figure
14 – PCB Wire Inductance Example 1 (TBD: TODO: replace C1 by C5)
Figure
15 – PCB Wire Inductance Example 2 (TBD: TODO: replace C1 by C5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com