Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3701 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG AS3701 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Interrupt Output
GPIOx pin logic state is derived from the interrupt signal XIRQ.
Whenever an interrupt is present the GPIOx pin will be pulled
high.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to Interrupt output.
For GPIO1 and GPIO2, the Interrupt output signal can be
visualized via the Current sinks. In this case the gpioX_mode
[GPIOxcontrol] should be set to CURRx.
VSUP_low Output
GPIOx pin will go high, if VSUP falls below ResVoltFall and
SupResEn [Battery_voltage_monitor] = 0.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to VSUP_low output.
For GPIO1 and GPIO2, the VSUP_low output signal can be
visualized via the Current sinks. In this case the gpioX_mode
[GPIOxcontrol] should be set to CURRx.
PWRGOOD Output
This signal will go high at the end of the start-up sequence. This
can be used as a second reset signal to the processor to e.g.
start oscillators.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to Pwr_good output.
For GPIO1 and GPIO2, the Pwr_good output signal can be
visualized via the Current sinks. In this case the gpioX_mode
[GPIOxcontrol] should be set to CURRx.
Charger Active Output
When selected, the GPIOx will go high if the charger is active.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to Charger active
output.
For GPIO1 and GPIO2, the Charger active output signal can be
visualized via the Current sinks. In this case the gpioX_mode
[GPIOxcontrol] should be set to CURRx.
EOC Output
When selected, the GPIOx will go high if the charger has reached
the EOC state.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to EOC output.
For GPIO1 and GPIO2, the EOC output signal can be visualized
via the Current sinks. In this case the gpioX_mode [GPIOxcontrol]
should be set to CURRx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com