Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 56Page - ams-OSRAM AG AS3722 Datasheet HTML 57Page - ams-OSRAM AG AS3722 Datasheet HTML 58Page - ams-OSRAM AG AS3722 Datasheet HTML 59Page - ams-OSRAM AG AS3722 Datasheet HTML 60Page - ams-OSRAM AG AS3722 Datasheet HTML 61Page - ams-OSRAM AG AS3722 Datasheet HTML 62Page - ams-OSRAM AG AS3722 Datasheet HTML 63Page - ams-OSRAM AG AS3722 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 199 page
background image
ams Datasheet
Page 59
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 57:
Stand-By
State
Description
Enter via
ENABLE1
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Enable ENABLE1 (enable1_deepsleep=1)
• Set regX_select_stby to define the sequence for going into stand-by for up to 10
regulators
• Set regX_voltage_stby if another voltage is needing during stand-by
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Define the delay between the regulators when going into stand-by (regX_delay_stdby
and delay_time_stby)
• Activate ENABLE1 (pull LOW)
Enter via GPIO
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Set the GPIO to input (gpioX_mode = 0)
• Set the GPIO for stand-by control (gpioX_iosf = 5)
• Set regX_select_stby to define the sequence for going into stand-by for up to 10
regulators
• Set regX_voltage_stby if another voltage is needing during stand-by
• Define the regulators to be controlled by a specific GPIO (gpio_ctrl_sdX and
gpio_ctrl_ldoX)
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Define the delay between the regulators when going into stand-by (regX_delay_stdby
and delay_time_stby)
• Set the delay for going into stand-by after GPIO activation (off_delay)
• Activate the selected GPIO (set to HIGH)
Enter via SW
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Set regX_select_stby and regX_voltage_stby if another voltage is needing during stand-by
for up to 10 regulators
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Set the delay for going into stand-by after the SW command (off_delay)
• set standby_mode_on to 1
Stand-by
V2_5 chip supply is kept ON
All other regulators are switched OFF dependent on the bits sdX_stby_on and ldoX_stby_on
XRES_OUT goes active (can be disabled with stdby_reset_disable) and pwr_good goes
inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com