Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 114 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 114 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 110Page - ams-OSRAM AG AS3722 Datasheet HTML 111Page - ams-OSRAM AG AS3722 Datasheet HTML 112Page - ams-OSRAM AG AS3722 Datasheet HTML 113Page - ams-OSRAM AG AS3722 Datasheet HTML 114Page - ams-OSRAM AG AS3722 Datasheet HTML 115Page - ams-OSRAM AG AS3722 Datasheet HTML 116Page - ams-OSRAM AG AS3722 Datasheet HTML 117Page - ams-OSRAM AG AS3722 Datasheet HTML 118Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 199 page
background image
ams Datasheet
Page 113
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 103:
LDO0Voltage
Figure 104:
LDO1Voltage
Figure 105:
LDO2Voltage
Addr:10h
LDO0Voltage
Bit
Bit Name
Default
Access
Bit Description
7
ldo0_ilimit
0
RW
Sets limit of LDO0 (NMOS LDO)
0 : 150mA operating range
1 : 300mA operating range
4:0
ldo0_vsel
0
RW
The voltage select bits set the LDO output voltage
0.825V...1.25V, 25mV stepFs
00h : LDO off
01h-12h : V_LDO0=0.8V+ldo0_vsel*25mV
Addr:11h
LDO1Voltage
Bit
Bit Name
Default
Access
Bit Description
7
ldo1_ilimit
0
RW
Sets limit of LDO1 (PMOS1 LDO)
0 : 150mA operating range
1 : 300mA operating range
6:0
ldo1_vsel
0
RW
The voltage select bits set the LDO output voltage
0.825V...3.3V, 25mV steps
00h : LDO off
01h-24h : V_LDO1=0.8V+ldo1_vsel*25mV
25h-3Fh : do not use
40h-7Fh : V_LDO1=1.725V+(ldo1_vsel-40h)*25mV
Addr:12h
LDO2Voltage
Bit
Bit Name
Default
Access
Bit Description
7
ldo2_ilimit
0
RW
Sets limit of LDO2 (PMOS1 LDO)
0 : 150mA operating range
1 : 300mA operating range
6:0
ldo2_vsel
0
RW
The voltage select bits set the LDO output voltage
0.825V...3.3V, 25mV steps
00h : LDO off
01h-24h : V_LDO2=0.8V+ldo2_vsel*25mV
25h-3Fh : do not use
40h-7Fh : V_LDO2=1.725V+(ldo2_vsel-40h)*25mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com