Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3728-BWLT Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS3728-BWLT
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728-BWLT Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS3728-BWLT Datasheet HTML 1Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 2Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 3Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 4Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 5Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 6Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 7Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 8Page - ams-OSRAM AG AS3728-BWLT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-31
AS3728 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristicsis not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VGND
Supply Voltage to Ground 14V pins
-0.5
16
V
Applicable for pins HVSUP,
LX1, LX2
VGND
Supply Voltage to Ground 20V pins
-0.5
22
V
Applicable for pins BOOST1,
BOOST2
VGND
Supply Voltage to Ground 5V pins
-0.5
7.0
V
Applicable for pins 5VSUP,
CTRL1, CTRL2
VGND
Supply Voltage to Ground 3V pins
-0.5
5.0
V
Applicable for pin TEMP
Voltage Difference between Ground
Terminals
-0.5
0.5
V
Applicable for pins PVSS
ISCR
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC JESD78
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power dissipation
1.3
mW
PT
(1) for WL-CSP24 package
(RTHJA ~ 42K/W)
Electrostatic Discharge
ESD
Electrostatic Discharge HBM
±2
kV
Norm: JEDEC JESD22-A114F
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com