Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7225 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7225 Datasheet HTML 1Page - ams-OSRAM AG AS7225 Datasheet HTML 2Page - ams-OSRAM AG AS7225 Datasheet HTML 3Page - ams-OSRAM AG AS7225 Datasheet HTML 4Page - ams-OSRAM AG AS7225 Datasheet HTML 5Page - ams-OSRAM AG AS7225 Datasheet HTML 6Page - ams-OSRAM AG AS7225 Datasheet HTML 7Page - ams-OSRAM AG AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Document Feedback
AS7225
General Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 3
1
General Description
The AS7225 is designed for use directly in tunable white luminaires, replacement lamps (bulbs) and
light-engines/modules. The AS7225 Smart Lighting Director incorporates an embedded digital tri-
stimulus chromatic calibrated for life nano-optic sensor providing direct CIE1931 XYZ and CIE 1976
u’v’ coordinate mapping. Adaptive algorithmic support enables a companion microprocess or to
implement closed-loop, autonomous adjustment of variable CCT and daylight responsive LED
lamps and luminaires. The AS7225 arrives pre-calibrated, and is designed for rapid integration into
white-tunable and daylight responsive luminaire designs, delivering directives to the local
microprocessor via an industry-standard I²C bus or UART interface.
An additional on-chip I²C master provides native support for select ams sensors, such as the
TSL25721 or TSL45315 for combining in-looking CCT tunable director functions with outward-
looking ambient light sensing and daylighting control. The AS7225
’s silicon via nano-optic deposited
interference filters deliver high-stability over both
time and temperature. The Director’s integrated
intelligence enables ams factory CCT calibration, which mitigates chip to chip variation. By combining
this factory calibration with a supported luminaire design-
level “application matrix”, an end luminaire
design can often eliminate the need for light-by-light calibration while delivering lifetime color control.
With such a system calibration, accuracies within 2-4 Macadam steps are possible. The LGA package
includes a built in aperture to control light entering the sensor array. No additional optics are required.
1.1
Key Benefits & Features
The benefits and features of AS7225, Calibrated XYZ Chromatic Smart Lighting Director, are listed
below:
Figure 1:
Added Value of Using AS7225
Benefits
Features
Provides accurate external host MCU
supervision of variable CCT and spectrally
tunable lighting
Integrated intelligence with XYZ tri-stimulus color
sensing for direct translation to CIE 1931
standard observer color map
Uses accurate XYZ sensed data to provide a
host MCU, with its own PWMs, simple to use
directives for closed loop tuned LED lighting
Automatically directs external warm and cool
white PWM controlled LED strings for chromatic
LED luminaire tuning. Also directs dimming
(combined with PWM color tuning)
Automatic spectral and lumen maintenance
over temperature and time
Supports autonomous color point and lumen
output adjustment resulting in automatic spectral
and lumen maintenance
Provides direct register or AT command based
access to closed loop tuning directives
I²C slave digital or UART Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com