Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7261 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS7261 Datasheet HTML 13Page - ams-OSRAM AG AS7261 Datasheet HTML 14Page - ams-OSRAM AG AS7261 Datasheet HTML 15Page - ams-OSRAM AG AS7261 Datasheet HTML 16Page - ams-OSRAM AG AS7261 Datasheet HTML 17Page - ams-OSRAM AG AS7261 Datasheet HTML 18Page - ams-OSRAM AG AS7261 Datasheet HTML 19Page - ams-OSRAM AG AS7261 Datasheet HTML 20Page - ams-OSRAM AG AS7261 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
Interrupt Operation
If BANK is set to Mode 0 or Mode 1 then the data is ready after
the 1st integration time. If BANK is set to Mode 2 or Mode 3 then
the data is ready after two integration times. If the interrupt is
enabled (INT = 1) then when the data is ready, the INT line is
pulled low and DATA_RDY is set to 1. The INT line is released
(returns high) when the control register is read.
DATA_RDY is cleared to 0 when any of the sensor registers X, Y,
Z, NIR, D and C are read. For multi-byte sensor data (2 or 4 bytes),
after the 1st byte is read the remaining bytes are shadow
protected in case an integration cycle completes just after the
1st byte is read.
In continuous spectral conversion mode (BANK setting of Mode
0, 1, or 2), the sensors continue to gather information at the rate
of the integration time, hence if the sensor registers are not read
when the interrupt line goes low, it will stay low and the next
cycle’s sensor data will be available in the registers at the end
of the next integration cycle.
When the control register BANK bits are written with a value of
Mode 3, One-Shot Spectral Conversion mode is entered. When
a single set of contemporaneous sensor readings is desired,
writing BANK Mode 3 to the control register immediately
triggers exactly two spectral data conversion cycles. At the end
of these two conversion cycles, the DATA_RDY bit is set as for
the other BANK modes. To perform a new One-Shot sequence,
the control register BANK bits should be written with a value of
Mode 3 again. This process may continue until the user writes
a different value into the BANK bits.
I²C Slave Interface
If selected by the I2C_ENB pin setting, interface and control can
be accomplished through an I²C compatible slave interface to
a set of registers that provide access to device control functions
and output data. These registers on the AS7261 are, in reality,
implemented as virtual registers in software. The actual I²C
slave hardware registers number only three and are described
in the table below. The steps necessary to access the virtual
registers defined in the following are explained in pseudocode
for external I²C master writes and reads below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com