Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7262-BLGT Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7262-BLGT
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7262-BLGT Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7262-BLGT Datasheet HTML 30Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 31Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 32Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 33Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 34Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 35Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 36Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 37Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Datasheet, Public
Page 33
[v4-00] 2022-Nov-30
Document Feedback
AS7262 − Detailed Description
LED Driver Controls
ATLED0=<value>
OK
Sets LED_IND: 100=ON, 0=OFF
ATLED0
<100|0>OK
Reads LED_IND setting: 100=ON, 0=OFF
ATLED1=<value>
OK
Sets LED_DRV: 100=ON, 0=OFF
ATLED1
<100|0>OK
Reads LED_DRV setting: 100=ON, 0=OFF
ATLEDC=<value>
OK
Sets LED_IND and LED_DRV current
LED_IND: bits 3:0; LED_DRV: 7:4 bits
LED_IND: ‘b00=1mA; ‘b01=2mA; ‘b10=4mA; ‘b11=8mA
LED_DRV: ‘b00=12.5mA; ‘b01=25mA; ‘b10=50mA;
‘b11=100mA
ATLEDC
<value>OK
Reads LED_IND and LED_DRV current settings as shown
above.
NOP, Version Access, System Reset
AT
OK
→ Success
ERROR
→ Failure
NOP
ATRST
None
Software Reset – no response.
ATVERSW
<SWversion#>OK
ERROR
→ Failure
Returns the system software version number.
ATVERHW
<HWversion#>OK
ERROR
→ Failure
Returns the system hardware revision and product ID,
with bits 7:4 containing the part ID, and bits 3:0 yielding
the chip revision value.
Firmware Update
ATFWU=<value>OK
<value>= 16-bit checksum. Initializes the firmware update
process. Number of bytes that follow are always 56k bytes.
ATFW=<value>OK
Download new firmware
Up to 7 Bytes represented as hex chars with no leading or
trailing 0x.
Repeat command till all 56k bytes of firmware are
downloaded.
ATFWA
OK
Causes target address for FW updates to advance. Should
be called after every successful “OK” returned after
“ATFW=<value>” command usage.
ATFWS
OK
Causes the active image to switch between the two
possible current images and then resets the IC.
Command
Response
Description/Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com