Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7263-BLGT Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7263-BLGT
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263-BLGT Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7263-BLGT Datasheet HTML 11Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 12Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 13Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 14Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 15Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 16Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 17Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 18Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Page 14
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
Data Conversion Description
AS7263 spectral conversion is implemented via two
photodiode banks per device. Bank 1 consists of data from the
S, T, U, V photodiodes. Bank 2 consists of data from the R, T, U,
W photodiodes. Spectral conversion requires the integration
time (IT in ms) set to complete. If both photodiode banks are
required to complete the conversion, the 2nd bank requires an
additional IT ms. Minimum IT for a single bank conversion is 2.8
ms. If data is required from all 6 photodiodes then the device
must perform 2 full conversions (2 x Integration Time).
The spectral conversion process is controlled with BANK Mode
settings as follows:
BANK Mode 0: Data will be available in registers S, T, U & V (R
and W registers will be zero).
BANK Mode 1: Data will be available in registers R, T, U & W (V
and W registers will be zero).
BANK Mode 2: Data will be available in registers R, S, T, U, V & W
When the bank setting is Mode 0, Mode 1, or Mode 2, the
spectral data conversion process operates continuously, with
new data available after each IT ms period. In the continuous
modes, care should be taken to assure prompt interrupt
servicing so that integration values from both banks are all
derived from the same spectral conversion cycle.
BANK Mode 3: Data will be available in registers R, S, T, U, V & W
in One-Shot mode.
When the bank setting is Mode 3, the device operates in
One-Shot mode. Spectral conversion occurs only when bit 0 of
the control register (1SHOT ) is set to 1. The 1SHOT bit in the
control register is subsequently cleared by hardware at the
same time the DATA_RDY bit is set to 1 indicating the availability
of spectral conversion result data. The One-Shot mode is
intended for use when it is critical to ensure that spectral
conversion results are obtained contemporaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com