Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS72653-BLGT Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS72653-BLGT
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS72653-BLGT Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS72653-BLGT Datasheet HTML 1Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 2Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 3Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 4Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 5Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 6Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 7Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS72653-BLGT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ams Datasheet
Page 1
[v1-04] 2018-Jul-09
Document Feedback
AS7265x
Smart 18-Channel VIS to NIR Spectral_
ID 3-Sensor Chipset with Electronic
Shutter
The AS7265x chipset consists of three sensor devices AS72651
with master capability, AS72652 and AS72653. The multispec-
tral sensors can be used for spectral identification in a range
from visible to NIR. Every of the three sensor devices has 6 in-
dependent on-device optical filters whose spectral response is
defined in a range from 410nm to 940nm with FWHM of 20nm.
The AS72651, combined with the AS72652 (spectral response
from 560nm to 940nm) and the AS72653 (spectral response
from 410nm to 535nm) form an AS7265x 18-channel
multi-spectral sensor chip-set. Using the AS7265x chipset
requires the use of firmware. It must be loaded into a serial flash
via a UART interface. The list of ams tested serial flash memories
can be found in Figure 56. The components AS72651, AS72652
and AS72653 are pre-calibrated with a specific light source. The
information about the conditions of the performed calibration
(for example light source, gain, integration time) can be found
in the table of optical characteristics of the respective compo-
nent. Any operation other than these conditions might require
a new calibration in the application.
Each AS7265x device has two integrated LED drivers with
programmable current and can be timed for electronic shutter
applications.
The device family integrates Gaussian filters into standard
CMOS silicon via nano-optic deposited interference filter tech-
nology in LGA packages that also provide built-in apertures to
control the light entering the sensor array.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7265x, Smart 18-Channel VIS to
NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter are
listed below:
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com