Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA4M3AF3CFB Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R7FA4M3AF3CFB
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M3AF3CFB Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA4M3AF3CFB Datasheet HTML 29Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 30Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 31Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 32Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 33Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 34Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 35Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 36Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
● Total power consumption = Voltage × (Leakage current + Dynamic current)
● Leakage current of IO = Σ (IOL × VOL) /Voltage + Σ (|IOH| × |VCC – VOH|) /Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
– Cin: Input capacitance
– Cload: Output capacitance
Regarding θja and Ψjt, refer to Table 2.11.
Table 2.11
Thermal Resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal
Resistance
64-pin LQFP (PLQP0064KB-C)
θja
38.0
°C/W
JESD 51-2 and 51-7
compliant
100-pin LQFP (PLQP0100KB-B)
35.0
144-pin LQFP (PLQP0144KA-B)
33.0
64-pin BGA (PLBG0064JC-A)
38.0
JESD 51-2 and 51-9
compliant
144-pin BGA (PLBG0144KB-A)
40.5
64-pin LQFP (PLQP0064KB-C)
Ψjt
0.80
°C/W
JESD 51-2 and 51-7
compliant
100-pin LQFP (PLQP0100KB-B)
0.76
144-pin LQFP (PLQP0144KA-B)
0.63
64-pin BGA (PLBG0064JC-A)
0.74
JESD 51-2 and 51-9
compliant
144-pin BGA (PLBG0144KB-A)
0.81
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, refer to the JEDEC standards.
2.2.7.1
Calculation guide of ICCmax
Table 2.12 shows the power consumption of each unit.
Table 2.12
Power consumption of each unit (1 of 2)
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Leakage current
Analog
LDO and Leak*2
Ta = 75 °C*3
—
—
21.22
Ta = 85 °C*3
—
—
25.22
Ta = 95 °C*3
—
—
30.22
Ta = 105 °C*3
—
—
37.42
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 33 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com