Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT132
Description  QUAD 2-INPUT SCHMITT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT132 Datasheet HTML 1Page - STMicroelectronics M74HCT132 Datasheet HTML 2Page - STMicroelectronics M74HCT132 Datasheet HTML 3Page - STMicroelectronics M74HCT132 Datasheet HTML 4Page - STMicroelectronics M74HCT132 Datasheet HTML 5Page - STMicroelectronics M74HCT132 Datasheet HTML 6Page - STMicroelectronics M74HCT132 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M74HCT132
QUAD 2-INPUT SCHMITT NAND GATE
PRELIMINARY DATA
June 1998
s
HIGH SPEED: tPD = 20 ns (TYP.) at VCC =4.5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
s
HIGH NOISE IMMUNITY
VH (TYP.) = 0.71V AT VCC = 4.5V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 132
DESCRIPTION
The M74HCT132 is a high speed CMOS QUAD
2-INPUT SCHMITT NAND GATE fabricated in
silicon gate C
2MOS tecnology. It has the same
high speed performance of LSTTL combined with
true
COMS
low
power
consumption.
Pin
configuration and function are identical to those
of the M74HCT00.
The hysteresis characteristics (around 15% VCC)
of all inputs allow slowly charging input signals to
be transformed into sharply defined jitter-free
output signals.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
M74HCT132B1R
M74HCT132M1R
®
M1R
(Micro Package)
B1R
(Plastic Package)
1/7


Similar Part No. - M74HCT132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132RM13TR STMICROELECTRONICS-M74HCT132RM13TR Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132TTR STMICROELECTRONICS-M74HCT132TTR Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
More results

Similar Description - M74HCT132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com