Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO69201TST6 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO69201TST6
Description  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69201TST6 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO69201TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DIO69201
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO69201• Rev. 1.1
Typical Application
Figure 2. Typical application
Typical Performance Characteristics
(VIN = 12 V,VOUT = 3.3 V,Load = 1.5 Ω)
Figure 3. Start up from enable
(VIN = 12 V, VOUT = 3.3 V, Load = 1.5 Ω)
Figure 4. Shut down from enable
(VIN = 12 V, VOUT = 3.3 V, Load = 0.2 ~ 2 A)
Figure 5. Load transient
(VIN = 12 V, VOUT = 3.3 V, Load = 1 ~ 2 A)
Figure 6. Load transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com