Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO70040 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040
Description  5.5 V Low Loss Power Distribution Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DIO70040
Version 1.1, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
6. Electrical Characteristics
TA = 25°C, VIN = 5 V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
2.7
5.5
V
ISHDN
Shut down input current
Open load, IC disabled
0.2
1
µA
IQ
Quiescent supply current
Open load, IC enabled
36
60
µA
RDS(ON)
FET RON
IOUT = 100 mA
57
70
mΩ
IOUT = 100 mA, TA = -40 ~ 85°C
57
80(1)
VEN(H)
EN rising threshold
VIN = 2.7 V to 5.5 V
0.85
V
VEN(L)
EN falling threshold
VIN = 2.7 V to 5.5 V
0.4
V
IEN
EN leakage current
VEN = 5.0 V
1
µA
VIN_UVLO
IN UVLO threshold
2.5
V
VIN_HYS(1)
IN UVLO hysteresis
150
400
mV
ILIM
Current limit
3.1
3.35
3.6
A
Output reverse voltage fault
deglitch time
2.5
4
7
ms
ISHORT(1)
Short-circuit current limit
Enabled, output short to ground
10%
ILIM
tON
EN turn-on time
RL = 10 Ω, COUT = 1 μF
400
µs
tOFF
EN turn-off time
RL = 10 Ω, COUT = 1 μF
7
µs
tR
Output turn-on rise time
RL = 100 Ω, 90% settling
0.6
ms
tF
Output turn-off time
RL = 100 Ω, 10% settling
0.3
ms
TSD
Thermal shutdown temperature
140
°C
Thermal shutdown hysteresis
20
°C
RDIS
Discharge resistance
500
Ω
Vreverse
Reverse voltage comparator trip
point
175
mV
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com